Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24C02
Description  Two-wire Automotive Temperature Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24C02 Datasheet HTML 4Page - ATMEL Corporation AT24C02 Datasheet HTML 5Page - ATMEL Corporation AT24C02 Datasheet HTML 6Page - ATMEL Corporation AT24C02 Datasheet HTML 7Page - ATMEL Corporation AT24C02 Datasheet HTML 8Page - ATMEL Corporation AT24C02 Datasheet HTML 9Page - ATMEL Corporation AT24C02 Datasheet HTML 10Page - ATMEL Corporation AT24C02 Datasheet HTML 11Page - ATMEL Corporation AT24C02 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
AT24C01A/02/04/08A/16A
5092C–SEEPR–2/07
Device Addressing
The 1K, 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word
following a start condition to enable the chip for a read or write operation (see to Figure
7 on page 9).
The device address word consists of a mandatory “1”, “0” sequence for the first four
most significant bits as shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 1K/2K EEPROM.
These 3 bits must compare to their corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a
memory page address bit. The two device address bits must compare to their corre-
sponding hardwired input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next two bits being for
memory page addressing. The A2 bit must compare to its corresponding hardwired
input pin. The A1 and A0 pins are no connect.
The 16K does not use any device address bits but instead the three bits are used for
memory page addressing. These page addressing bits on the 4K, 8K and 16K devices
should be considered the most significant bits of the data word address which follows.
The A0, A1 and A2 pins are no connect.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is
not made, the chip will return to a standby state.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the
device address word and acknowledgment. Upon receipt of this address, the EEPROM
will again respond with a “0” and then clock in the first 8-bit data word. Following receipt
of the 8-bit data word, the EEPROM will output a “0” and the addressing device, such as
a microcontroller, must terminate the write sequence with a stop condition. At this time
the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All
inputs are disabled during this write cycle and the EEPROM will not respond until the
write is complete (see Figure 8 on page 10).
PAGE WRITE: The 1K/2K EEPROM is capable of an 8-byte page write, and the 4K, 8K
and 16K devices are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to seven
(1K/2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a “0”
after each data word received. The microcontroller must terminate the page write
sequence with a stop condition (see Figure 9 on page 10).
The data word address lower three (1K/2K) or four (4K, 8K, 16K) bits are internally
incremented following the receipt of each data word. The higher data word address bits
are not incremented, retaining the memory page row location. When the word address,
internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than eight (1K/2K) or sixteen (4K, 8K, 16K) data
words are transmitted to the EEPROM, the data word address will “roll over” and previ-
ous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-


Similar Part No. - AT24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02 ATMEL-AT24C02 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
257Kb / 20P
   Standard-voltage Operation
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
   Single supply with operation down to 1.8v
More results

Similar Description - AT24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com