Electronic Components Datasheet Search |
|
ATA5743 Datasheet(PDF) 12 Page - ATMEL Corporation |
|
ATA5743 Datasheet(HTML) 12 Page - ATMEL Corporation |
12 / 43 page 12 4839B–RKE–08/05 ATA5743 6.2 Polling Mode As shown in Figure 6-2 on page 13, the receiver’s polling mode consists of a continuous cycle of three different modes. In sleep mode, the signal processing circuitry is disabled for the time period T Sleep while consuming low current of IS = ISoff. During the start-up period, TStartup, all sig- nal processing circuits are enabled and settled. In the following bit-check mode, the incoming data stream is analyzed bit-by-bit, looking for a valid transmitter signal. If no valid signal is present, the receiver is set back to sleep mode after the period T Bit-check. This period varies check-by-check as it is a statistical process. An average value for T Bit-check is given in the electri- cal characteristics. During T Startup and TBit-check, the current consumption is IS = ISon. The condition of the receiver is indicated on pin IC_ACTIVE. The average current consumption in polling mode is dependent on the duty cycle of the active mode and can be calculated as: During T Sleep and TStartup, the receiver is not sensitive to a transmitter signal. To guarantee the reception of a transmitted command, the transmitter must start the telegram with an adequate preburst. The required length of the preburst depends on the polling parameters T Sleep, TStartup, T Bit-check, and the start-up time of a connected microcontroller (TStart, µC). Thus, TBit-check depends on the actual bit rate and the number of bits (N Bit-check) to be tested. The following formula indicates how to calculate the preburst length. T Preburst ≥ TSleep + TStartup + TBit-check + TStart_µC 6.3 Sleep Mode The length of period T Sleep is defined by the 5-bit word Sleep of the OPMODE register, the exten- sion factor X Sleep (see Table 6-8 on page 26), and the basic clock cycle TClk. It is calculated to be: T Sleep = Sleep × XSleep × 1024 × TClk In US and European applications, the maximum value of T Sleep is about 60 ms if XSleep is set to “1”; the time resolution is about 2 ms in that case. The sleep time can be extended to almost half a second by setting X Sleep to 8. XSleep can be set to 8 by setting bit XSleepStd to “1”. As seen in Table 6-7 on page 26, the highest register value of sleep sets the receiver into a permanent sleep condition. The receiver remains in that condition until another value for Sleep is programmed into the OPMODE register. This function is desirable where several devices share a single data line and may also be used for microcontroller polling – via pin POLLING/_ON, the receiver can be switched on and off. I Spoll I Soff T Sleep I Son T Startup T Bit-check + () × + × T Sleep T Startup T Bit-check ++ ---------------------------------------------------------------------------------------------------------------- = |
Similar Part No. - ATA5743 |
|
Similar Description - ATA5743 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |