Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTC6078 Datasheet(PDF) 3 Page - Linear Technology

Part No. LTC6078
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6078 Datasheet(HTML) 3 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC6078/LTC6079
3
60789fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V
+ = 3V, V= 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage (Note 5)
LTC6078MS8, LTC6078AMS8, LTC6079GN
VCM = 0.5V, 2.5V
LTC6078DD, LTC6079DHC
VCM = 0.5V, 2.5V
LTC6078AMS8
VCM = 0.5V
LTC6078MS8
VCM = 0.5V
LTC6079GN
VCM = 0.5V
LTC6078DD
VCM = 0.5V
LTC6079DHC
VCM = 0.5V
±7
±7
±20
±25
±30
±30
±35
±25
±30
±70
±97
±115
±120
±150
±7
±25
±30
±35
±25
±95
±135
±165
μV
μV
μV
μV
μV
μV
μV
ΔVOS ⁄ΔT Input Offset Voltage Drift
(Note 5)
LTC6078AMS8
LTC6078MS8
LTC6078DD, LTC6079GN
LTC6079DHC
±0.2
±0.3
±0.3
±0.7
±1.1
±1.4
±1.8
±0.2
±0.3
±0.7
±1.1
±1.4
μV/°C
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
(Note 6)
VCM = V
+/2
VCM = V
+/2
0.2
10
1
50
0.2
150
1
350
pA
pA
IOS
Input Offset Current
(Note 6)
VCM = V
+/2
VCM = V
+/2
0.1
0.5
25
0.1
10
100
pA
pA
en
Input Noise Voltage
0.1Hz to 10Hz
1
1
µVP-P
Input Noise Voltage Density
f = 1kHz
f = 10kHz
18
16
18
16
nV/√Hz
nV/√Hz
in
Input Noise Current Density
(Note 8)
0.56
0.56
fA/√Hz
Input Common Mode Range
V
V+
V
V+
V
CDIFF
Differential Input Capacitance
10
10
pF
CCM
Common Mode Input
Capacitance
18
18
pF
CMRR
Common Mode Rejection
Ratio
All Packages
VCM = 0V to 3V
LTC6078AMS8
VCM = 0V to 3V
LTC6078AMS8
VCM = 0V to 1.7V
LTC6078MS8
VCM = 0V to 3V
LTC6078MS8
VCM = 0V to 1.7V
LTC6079GN
VCM = 0V to 3V
LTC6079GN
VCM = 0V to 1.7V
LTC6078DD, LTC6079DHC
VCM = 0V to 3V
LTC6078DD, LTC6079DHC
VCM = 0V to 1.7V
95
87
91
85
89
84
88
83
87
110
105
103
102
102
102
102
100
102
95
87
91
85
89
84
88
110
103
103
100
102
100
102
dB
dB
dB
dB
dB
dB
dB
dB
dB
PSRR
Power Supply Rejection Ratio VS = 2.7V to 5.5V
100
97
120
100
97
120
dB
dB
VOUT
Output Voltage, High
(Referred to V+)
No Load
ISOURCE = 0.2mA
ISOURCE = 2mA
35
350
1
15
150
40
400
1
15
150
mV
mV
mV
Output Voltage, Low
(Referred to V)
No Load
ISINK = 0.2mA
ISINK = 2mA
1
10
100
30
300
1
10
100
35
350
mV
mV
mV
AVOL
Large-Signal Voltage Gain
RLOAD = 10k, 0.5V ≤ VOUT ≤ 2.5V
115
130
110
125
dB
ISC
Output Short-Circuit Current
Source
Sink
5
7
10
14
4
6
10
14
mA
mA
SR
Slew Rate
AV = 1
0.05
0.05
V/μs
GBW
Gain-Bandwidth Product
(fTEST = 10kHz)
RL = 100k
420
360
750
420
320
750
kHz
kHz
Φ0
Phase Margin
RL = 10k, CL = 200pF
66
66
Deg
tS
Settling Time 0.1%
AV = 1, 1V Step
24
24
μs
ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn