Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMPA1966 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. RMPA1966
Description  WCDMA Band II Power Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA1966 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RMPA1966_07 Datasheet HTML 1Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 2Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 3Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 4Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 5Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 6Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©200
7 Fairchild Semiconductor Corporation
www.fairchildsemi.com
RMPA1966 i-Lo™ Rev. C
5
PRELIMINARY
Package Outline
Signal Descriptions
1
I/O 1 INDICATOR
TOP VIEW
FRONT VIEW
BOTTOM VIEW
DETAIL A. TYP.
(4.00mm
1.1mm MAX.
.30mm TYP.
.18mm
3.65mm
.85mm TYP.
.25mm TYP.
1.08mm
1.84mm
3.50mm TYP.
See Detail A
) SQUARE
+.100
–.050
2
3
4
5
10
9
8
7
6
11
1
2
.40mm
.10mm
.10mm
.40mm
.45mm
Pin #
Signal Name
Description
1
Vcc1
Supply Voltage to Input Stage
2
RF In
RF Input Signal
3
GND
Ground
4
Vmode
High Power/Low Power Mode Control
5
Vref
Reference Voltage
6
GND
Ground
7
GND
Ground
8
RF Out
RF Output Signal
9
GND
Ground
10
Vcc2
Supply Voltage to Output Stage
11
GND
Paddle Ground


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn