Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMPA1966 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. RMPA1966
Description  WCDMA Band II Power Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA1966 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RMPA1966_07 Datasheet HTML 1Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 2Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 3Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 4Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 5Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 6Page - Fairchild Semiconductor RMPA1966_07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©200
7 Fairchild Semiconductor Corporation
www.fairchildsemi.com
RMPA1966 i-Lo™ Rev. C
3
PRELIMINARY
Recommended Operating Conditions
DC Turn-On Sequence
1) Vcc1 = Vcc2 = 3.4V (typical)
2) Vref = 2.85V (typical)
3) High-Power: Vmode = 0V (Pout > 16dBm)
Low-Power: Vmode = 2V (Pout < 16dBm)
Symbol
Parameter
Min.
Typ.
Max.
Units
f
Operating Frequency
1850
1910
MHz
Vcc1, Vcc2
Supply Voltage
3.0
3.4
4.2
V
Vref
Reference Voltage
(Operating)
(Shutdown)
2.7
0
2.85
3.1
0.5
V
V
Vmode
Bias Control Voltage
(Low-Power)
(High-Power)
1.8
0
2.0
3.0
0.5
V
V
Pout
Linear Output Power
(High-Power)
(Low-Power)
+16
+28.5
dBm
dBm
Tc
Case Operating Temperature
-30
+85
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn