Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP3060 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RHRP3060
Description  30A, 600V Hyperfast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP3060 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RHRP3060 Datasheet HTML 1Page - Fairchild Semiconductor RHRP3060 Datasheet HTML 2Page - Fairchild Semiconductor RHRP3060 Datasheet HTML 3Page - Fairchild Semiconductor RHRP3060 Datasheet HTML 4Page - Fairchild Semiconductor RHRP3060 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
RHRP3060 Rev. C
Typical Performance Characteristics
Figure 1. Forward Current vs Forward Voltage
Figure 2. Reverse Currnt vs Reverse Voltage
Figure 3. trr, ta and tb Curves vs
Forward Current
Figure 4. trr, ta and tb Curves vs
Forward Current
Figure 5. trr, ta and tb Curves vs
Forward Current
Figure 6. Current Derating Curve
100
°C
175
°C
175
°C
100
°C
25
°C
trr
ta
tb
TC = 25°C, dlF/dt = 200A/µs
trr
ta
tb
TC = 100°C, dlF/dt = 200A/µs
trr
ta
tb
TC = 175°C, dlF/dt = 200A/µs
SQ.WAVE


Similar Part No. - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP3060 INTERSIL-RHRP3060 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Thinki Semiconductor Co...
RHRP3060 THINKISEMI-RHRP3060 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRP3060 ISC-RHRP3060 Datasheet
225Kb / 2P
   Ultra fast Rectifier
logo
Thinki Semiconductor Co...
RHRP3060U THINKISEMI-RHRP3060U Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Ultrafast Recovery Epitaxial Diode
More results

Similar Description - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG3060_F085 FAIRCHILD-RHRG3060_F085 Datasheet
398Kb / 6P
   30A, 600V Hyperfast Rectifier
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
   6A, 600V Hyperfast Diodes
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
   6A, 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com