Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF84C85A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF84C85A
Description  Microcontroller with extended I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C85A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF84C85A Datasheet HTML 1Page - NXP Semiconductors PCF84C85A Datasheet HTML 2Page - NXP Semiconductors PCF84C85A Datasheet HTML 3Page - NXP Semiconductors PCF84C85A Datasheet HTML 4Page - NXP Semiconductors PCF84C85A Datasheet HTML 5Page - NXP Semiconductors PCF84C85A Datasheet HTML 6Page - NXP Semiconductors PCF84C85A Datasheet HTML 7Page - NXP Semiconductors PCF84C85A Datasheet HTML 8Page - NXP Semiconductors PCF84C85A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Nov 21
5
Philips Semiconductors
Product specification
Microcontroller with extended I/O
PCF84C85A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
40
39
38
37
36
35
34
33
32
31
30
29
28
27
14
15
16
17
18
19
20
21
22
23
24
25
26
PCF84C85A
P0.0
P0.1
P0.2
P0.3
P0.4
V DD
T1
SCLK
SDA / P2.3
DP1.6
DP1.5
DP1.4
DP1.3
DP1.2
DP1.1
DP1.0
DP0.7
DP0.6
P0.5
P0.6
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
XTAL1
XTAL2
VSS
RESET
DP0.0
DP0.1
DP0.2
DP0.3
DP0.4
DP0.5
MLA597
INT / T0
5.2
Pin description
Table 1
DIP40 and VSO40 packages.
SYMBOL
PIN
TYPE
DESCRIPTION
INT/T0
1
I
Interrupt/Test 0
P0.0 to P0.7
2 to 9
I/O
8 bits of Port 0: 8-bit
quasi-bidirectional
I/O port
P1.0 to P1.7
10 to 17
I/O
8 bits of Port 1: 8-bit
quasi-bidirectional
I/O port
XTAL1
18
I
XTAL input: crystal
oscillator/external
clock input
XTAL2
19
O
XTAL output: crystal
oscillator output
VSS
20
P
ground
RESET
21
I
Reset input
DP0.0 to
DP0.7
22 to 29
I/O
Derivative Port 0:
quasi-bidirectional
I/O port (8-bit)
DP1.0 to
DP1.6
30 to 36
I/O
Derivative Port 1:
quasi-bidirectional
I/O lines (7-bit)
SDA/P2.3
37
I/O
bidirectional data line
of the I2C-bus
interface; or Port 2
quasi-bidirectional
I/O port (1 bit only)
SCLK
38
I/O
bidirectional clock
line of the I2C-bus
interface
T1
39
I
Test 1: count input of
8-bit timer/event
counter 1
VDD
40
P
positive supply
6
PARALLEL PORTS
Of the standard quasi-bidirectional I/O ports, Port 2 is
incomplete, providing only line SDA/P2.3 that is shared
with the I2C-bus interface. In addition to the standard ports,
two derivative I/O ports are available:
• Derivative Port of 8 lines (DP0.0 to DP0.7)
• Derivative Port of 7 lines (DP1.0 to DP1.6).
Missing bits of incomplete ports, i.e. P2.0 to P2.2 and
DP1.7, are fixed at zero in the corresponding registers.
7
INSTRUCTION SET
See
“PCF84CXXXA family” data sheet for a complete
description of the instruction set.


Similar Part No. - PCF84C85A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C81 PHILIPS-PCF84C81 Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81 PHILIPS-PCF84C81 Datasheet
111Kb / 20P
   Telecom microcontroller
1998 Apr 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
   Telecom microcontroller
1998 Apr 20
PCF84C81AP PHILIPS-PCF84C81AP Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
More results

Similar Description - PCF84C85A

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-CE3 NHP-1794-CE3 Datasheet
496Kb / 1P
   FLEX I/O EXTENDED LOCAL I/O CABLE 0.9M
7 June 2023,
1794-CE1 NHP-1794-CE1 Datasheet
495Kb / 1P
   FLEX I/O EXTENDED LOCAL I/O CABLE 0.3M
7 June 2023,
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
logo
List of Unclassifed Man...
BLUAC5-QE ETC2-BLUAC5-QE Datasheet
192Kb / 3P
   Q Programmable Servo Drive w/ Extended I/O
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
   Digital Tube Display Drive I/O Extended chip
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
logo
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com