Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN4258 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # PN4258
Description  PNP Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN4258 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  PN4258_02 Datasheet HTML 1Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 2Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 3Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 4Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 5Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 6Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 7Page - Fairchild Semiconductor PN4258_02 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, November 2002
Typical Chracteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector Cutoff Current
vs Ambient Temperature
Figure 6. Power Dissipation
vs Ambient Temperature
vs Collector Current
0.1
0.2
0.5
1
2
5
10
20
50
100
0
50
100
150
200
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 1.0V
CE
β
β
Voltage vs Collector Current
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
I - COLLECTOR CURRE NT (mA)
C
25 °C
- 40 °C
125 °C
β = 10
β
β
Voltage vs Collect or Current
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRE NT (mA)
C
β = 10
25 °C
- 40 °C
125 °C
β
β
Collector Current
0.1
1
10
25
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 1V
CE
25 °C
- 40 °C
125 °C
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
V
= 10V
CB
°
β
β
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
TEMPERATURE ( C)
o
TO-92
SOT-23
β
β


Similar Part No. - PN4258_02

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
PN4258A NJSEMI-PN4258A Datasheet
48Kb / 1P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - PN4258_02

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com