Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC164245AK Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245AK
Description  16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245AK Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI74AVC164245AK Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC164245AK Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8425D
04/05/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245
16-Bit 1.8-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
Output
Control
(low-level
enabling)
Output
Waveform 2
S1 at GND
(see note B)
tPZL
tPLZ
3.0V
0V
1.8V
VOL
0V
Output
Waveform 1
S1 at 6V
(see note B)
VOH
VOH –0.15V
VOL+0.15V
tPHZ
tPZH
0.9V
0.9V
1.5V
1.5V
From Output
Under Test
VIN
CL = 30pF
(see note A)
2 × VCC
GND
Open
1000
1000
Input
tPLH
tPHL
3.0V
1.5V
0.9V
1.5V
0.9V
0V
VOH
VOL
Output
Parameter Measurement Information, VCCA = 1.5V ±0.10V
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
t
s
e
T1
S
t D
P
t Z
L
P
/t L
Z
P
t Z
H
P
/t H
Z
P
n
e
p
O
V
×
2
C
C
D
N
G
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤10Mz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tDIS.
F. tPZL and tPZH are the same as tEN.
G. tPLH and tPHL are the same as tPD.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - PI74AVC164245AK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC164245LA PERICOM-PI74AVC164245LA Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LAA PERICOM-PI74AVC164245LAA Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LAAE PERICOM-PI74AVC164245LAAE Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LAK PERICOM-PI74AVC164245LAK Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LAKE PERICOM-PI74AVC164245LAKE Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
More results

Similar Description - PI74AVC164245AK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC164245LA PERICOM-PI74AVC164245LA Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
86Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
NXP Semiconductors
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com