Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF84C12A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF84C12A
Description  8-bit microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C12A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF84C12A Datasheet HTML 5Page - NXP Semiconductors PCF84C12A Datasheet HTML 6Page - NXP Semiconductors PCF84C12A Datasheet HTML 7Page - NXP Semiconductors PCF84C12A Datasheet HTML 8Page - NXP Semiconductors PCF84C12A Datasheet HTML 9Page - NXP Semiconductors PCF84C12A Datasheet HTML 10Page - NXP Semiconductors PCF84C12A Datasheet HTML 11Page - NXP Semiconductors PCF84C12A Datasheet HTML 12Page - NXP Semiconductors PCF84C12A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 May 11
9
Philips Semiconductors
Product specification
8-bit microcontroller
PCF84C12A
Fig.7
Typical supply current in Idle mode (IDD(idle))
as a function of clock frequency (fxtal).
handbook, halfpage
3
0
1
2
0.1
MBC958
110
100
(mA)
5 V
3 V
fxtal(MHz)
IDD(idle)
Supply current based on optimal oscillator selection.
Fig.8
Typical supply current in Stop mode
(IDD(stp)) as a function of operating supply
voltage (VDD).
handbook, halfpage
1
3
2
1
0
357
MBC954
VDD (V)
IDD(stp)
(
µA)
25 C
o
85 C
o
Fig.9
Typical LOW level output sink current (IOL)
as a function of operating supply voltage
(VDD).
1
16
12
8
4
357
MBC959
VDD (V)
I OL
(mA)
VO = 0.4 V.
Fig.10 Typical HIGH level pull-up output source
current (IOH) as a function of operating
supply voltage (VDD).
1
300
200
100
0
357
MBC960
VDD (V)
I OH
(
µA)
VO = 0.7 V DD
= V
SS
VO


Similar Part No. - PCF84C12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AT PHILIPS-PCF84C12AT Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
More results

Similar Description - PCF84C12A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com