Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E625 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 908E625
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 908E625 Datasheet HTML 36Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 37Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 38Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 39Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 40Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 41Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 42Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 43Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
908E625
FUNCTIONAL DEVICE OPERATION
FACTORY TRIMMING AND CALIBRATION
Autonomous Watchdog Rate Bit (AWDR)
This read/write bit selects the clock rate of the
Autonomous Watchdog. Reset clears the AWDR bit.
• 1 = Fast rate selected (10 ms)
• 0 = Slow rate selected (20 ms)
VOLTAGE REGULATOR
The 908E625 chip contains a low-power, low-drop voltage
regulator to provide internal power and external power for the
MCU. The on-chip regulator consist of two elements, the
main voltage regulator and the low-voltage reset circuit.
The VDD regulator accepts a unregulated input supply and
provides a regulated VDD supply to all digital sections of the
device. The output of the regulator is also connected to the
VDD terminal to provide the 5.0 V to the microcontroller.
RUN Mode
During RUN mode the main voltage regulator is on. It
provides a regulated supply to all digital sections.
STOP Mode
During STOP mode the STOP mode regulator supplies a
regulated output voltage. The STOP mode regulator has a
very limited output current capability. The output voltage will
be lower than the output voltage of the main voltage
regulator.
FACTORY TRIMMING AND CALIBRATION
To enhance the ease-of-use of the 908E625, various
parameters (e.g. ICG trim value) are stored in the flash
memory of the device. The following flash memory locations
are reserved for this purpose and might have a value different
from the empty (0xFF) state:
• 0xFD80:0xFDDF Trim and Calibration Values
• 0xFFFE:0xFFFF Reset Vector
In the event the application uses these parameters, one
has to take care not to erase or override these values. If these
parameters are not used, these flash locations can be erased
and otherwise used.
Trim Values
Below the usage of the trim values located in the flash
memory is explained
Internal Clock Generator (ICG) Trim Value
The internal clock generator (ICG) module is used to
create a stable clock source for the microcontroller without
using any external components. The untrimmed frequency of
the low-frequency base clock (IBASE), will vary as much as
±25 percent due to process, temperature, and voltage
dependencies. To compensate this dependancies a ICG trim
values is located at adress $FDC2. After trimming the ICG is
a range of typ. ±2% (±3% max.) at nominal conditions (filtered
(100nF) and stabilized (4,7uF) VDD = 5V, TAmbient~25°C) and
will vary over temperature and voltage (VDD) as indicated in
the 68HC908EY16 datasheet.
To trim the ICG this values has to be copied to the ICG
Trim Register ICGTR at adress $38 of the MCU.
Important The value has to copied after every reset.


Similar Part No. - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Similar Description - 908E625

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com