Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF50732H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF50732H
Description  Baseband and audio interface for GSM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF50732H Datasheet HTML 5Page - NXP Semiconductors PCF50732H Datasheet HTML 6Page - NXP Semiconductors PCF50732H Datasheet HTML 7Page - NXP Semiconductors PCF50732H Datasheet HTML 8Page - NXP Semiconductors PCF50732H Datasheet HTML 9Page - NXP Semiconductors PCF50732H Datasheet HTML 10Page - NXP Semiconductors PCF50732H Datasheet HTML 11Page - NXP Semiconductors PCF50732H Datasheet HTML 12Page - NXP Semiconductors PCF50732H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
1999 May 03
9
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
8
FUNCTIONAL DESCRIPTION
This chapter gives a brief overview of the device.
The detailed functional description can be found in the
following chapters:
Chapter 9 “Baseband CODEC”
Chapter 10 “Voice band CODEC”
Chapter 11 “Auxiliary functions”
Chapter 12 “Control Serial Interface (CSI)”
Chapter 13 “Voice band Signal Processor (VSP)”.
8.1
General
As low power consumption in mobile telephones is a very
important issue, all the circuit parts in the PCF50732 can
be powered-on/off either by means of the external signals
AUXST, TXON or RXON, or by programming the
respective register bits in the Control Serial Interface
(CSI).
The most important signal for the digital and analog circuit
functions in the PCF50732 is the DAC enable signal
AUXST, which allows to activate AUXDAC1 (AGC) and
AUXDAC2 (AFC), as well as the low-swing master clock
input MCLK. AUXST must be active (HIGH) and VDDA
must be stable (see also Section 18.1) to allow the
master clock to access different circuit parts after a reset
(RESET active). AUXDAC1 and AUXDAC2 are only
activated if their related power-on bit is set. AUXDAC1 is
default off, AUXDAC2 is default on.
RESET must be active during at least 3 MCLK cycles, with
AUXST active, to ensure a correct initialisation of all the
digital circuitry of the PCF50732. Since RESET is
asynchronous even small spikes of a few nanoseconds
can cause partial resets.
For power supply noise interference reduction, a pair of
power supply and ground pins are provided for the:
• Baseband analog: VDDA(bb)/VSSA(bb)
• Voice band analog: VDDA(vb)/VSSA(vb)
• Voice band output drivers: VDDA(vbo)/VSSA(vbo)
• DC reference voltages and currents: VDDA(ref)/VSSA(ref)
• Digital circuitry: VDDD/VSSD.
All VSS pins are connected internally. VDDD is the digital
supply. VDDA(bb), VDDA(vb), VDDA(vbo), and VDDA(ref) are
analog supplies, and are referred to as VDDA throughout
this document. These analog supplies must be connected
externally.
8.2
Baseband and voice band reference voltages
The reference voltage Vref is generated on-chip by a band
gap voltage reference circuit and is available at pin Vref.
As Vref is used as reference for most of the internal analog
circuitry, noise must be kept as low as possible by
connecting an external decoupling capacitor at this pin.
The voltage at Vref is buffered to generate the baseband
and voice band reference voltage Vref as well as internal
references for the different functions, such as the auxiliary
and the transmit DACs.
9
BASEBAND CODEC
The baseband CODEC is a complete interface circuit
between the RF part in a mobile communication handset
and the digital signal processor. It consists of three parts:
• The transmit path, which converts a bitstream to
analog quadrature signals for the RF devices
• The receive path, which transforms the quadrature
signals of the IF chip (I/Q) to digital signals
• The digital baseband serial interface, which
exchanges baseband data between the PCF50732 and
the DSP. The interface also includes signals to
power-up and power-down the baseband transmit
(TX) and receive (RX) paths.
9.1
Baseband transmit path
The baseband transmit path consists of three parts:
• GMSK modulator: generation of a Gaussian Minimum
Shift Keying (GMSK) signal
• 10-bit DACs: digital-to-analog converters for the
I and Q components of the GMSK signal
• Low-pass filters: analog reconstruction low-pass filters
for the output of the DACs.
The requirements of the transmit path of a GSM terminal
are given by
“GSM recommendation 05.05”:
• Phase RMS error <5°
• Phase peak error <20°
• Amplitude error < ±1 dB.
Nevertheless the performance of the PCF50732 is far
better than these figures indicate; see Section 18.1.


Similar Part No. - PCF50732H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
PCF5078T PHILIPS-PCF5078T Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
   Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
PCF5079HK PHILIPS-PCF5079HK Datasheet
146Kb / 28P
   Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
More results

Similar Description - PCF50732H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM4400 TI1-TCM4400 Datasheet
399Kb / 72P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
TCM4400E TI-TCM4400E Datasheet
888Kb / 64P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
logo
Skyworks Solutions Inc.
CX805-30 SKYWORKS-CX805-30 Datasheet
85Kb / 5P
   CX805-30 Baseband Processor for Multiband GSM and GPRS Applications
logo
Analog Devices
AD20MSP410 AD-AD20MSP410 Datasheet
62Kb / 8P
   GSM Baseband Processing Chipset
REV. 0
AD6528 AD-AD6528 Datasheet
160Kb / 1P
   GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices
Rev. PrA
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
   GSM baseband processors for digital mobile cellular radio
September 1993
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
AD6526 AD-AD6526 Datasheet
86Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com