Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ00 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ00
Description  TinyLogic UHS Dual 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ00 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ00 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ00 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500267
www.fairchildsemi.com
April 2000
Revised February 2005
NC7WZ00
TinyLogic
£ UHS Dual 2-Input NAND Gate
General Description
The NC7WZ00 is a dual 2-Input NAND Gate from
Fairchild's Ultra High Speed Series of TinyLogic
£. The
device is fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive while main-
taining low static power dissipation over a broad VCC oper-
ating range. The device is specified to operate over the
1.65V to 5.5V VCC operating range. The inputs and output
are high impedance when VCC is 0V. Inputs tolerate volt-
ages up to 7V independent of VCC operating voltage.
Features
s Space saving US8 surface mount package
s MicroPak
¥ Pb-Free leadless package
s Ultra High Speed; tPD 2.4 ns typ into 50 pF at 5V VCC
s High Output Drive;
r24 mA at 3V VCC
s Broad VCC Operating Range; 1.65V–5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/output
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
TinyLogic
£ is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
¥ is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WZ00K8X
MAB08A
WZ00
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm
Wide
3k Units on Tape and Reel
NC7WZ00K8X_NL
(Note 1)
MAB08A
WZ00
Pb-Free 8-Lead US8, JEDEC MO-187, Variation CA
3.1mm Wide
3k Units on Tape and Reel
NC7WZ00L8X
MAC08A
N6
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7WZ00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00 Datasheet
563Kb / 12P
   UHS Dual 2-Input NAND Gate
March 2008 Rev. 1.11.0
NC7WZ00 ONSEMI-NC7WZ00 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ00K8X FAIRCHILD-NC7WZ00K8X Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00K8X ONSEMI-NC7WZ00K8X Datasheet
563Kb / 12P
   UHS Dual 2-Input NAND Gate
March 2008 Rev. 1.11.0
More results

Similar Description - NC7WZ00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10 Datasheet
100Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
logo
ON Semiconductor
NC7SZ00 ONSEMI-NC7SZ00 Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38_05 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com