Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WBD3125 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WBD3125
Description  2-Bit Low Power Bus Switch with Level Shifting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WBD3125 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WBD3125_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7WBD3125_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: This parameter is guaranteed. The bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the switch and the 50 pF load
capacitance, when driven by an ideal voltage source (zero output impedance). The specified limit is calculated on this basis.
Capacitance
AC Loading and Waveforms
Input driven by 50
: source terminated in 50:
CL includes load and stray capacitance
Input PRR
1.0 MHz; tW 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
TA 40qC to 85qC,
Symbol
Parameter
VCC
CL 50 pF, RU RD 500:
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
tPHL,
Propagation Delay Bus-to-Bus
4.5 to 5.5
0.25
ns
VI OPEN
Figures
1, 2
tPLH
(Note 6)
tPZL,
Output Enable Time
4.5 to 5.5
1.0
3.5
5.8
ns
VI 7V for tPZL
Figures
1, 2
tPZH
VI 0V for tPZH
tPLZ,
Output Disable Time
4.5 to 5.5
0.8
3.0
4.8
ns
VI 7V for tPLZ
Figures
1Figure 2
tPHZ
VI 0V for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
2.5
pF
VCC 0V
CI/O (OFF)
Port OFF Capacitance
6.0
pF
VCC 5.0V OE
CI/O (ON)
Port ON Capacitance
12.0
pF
VCC 5.0V, OE 0V


Similar Part No. - NC7WBD3125_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3125K8X FAIRCHILD-NC7WBD3125K8X Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125K8X ONSEMI-NC7WBD3125K8X Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
NC7WBD3125L8X ONSEMI-NC7WBD3125L8X Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
More results

Similar Description - NC7WBD3125_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384_05 Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com