Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ332 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7SZ332
Description  TinyLogic UHS 3-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ332 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7SZ332_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are DC values beyond which the
device may be damaged or have its useful life impaired. The datasheet
specifications should be met, without exception, to ensure that the system
design is reliable over its power supply, temperature, and output/input load-
ing variables. Fairchild does not recommend operation outside datasheet
specifications.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5Vto +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to +7.0V
DC Input Diode Current (IIK)
@VIN < −0.5V
−50 mA
@VIN >6V
+20 mA
DC Output Diode Current (IOK)
@VOUT< −0.5V
−50 mA
@VOUT >6V, (VCC = GND)
+20 mA
DC Output Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)150°C
Junction Lead Temperature (TL);
Soldering, 10 seconds
260
°C
Power Dissipation (PD) @ +85°C
SC70-5
150 mW
Supply Voltage Operating (VCC)
1.65V to 5.5
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 1.8V, 2.5V ± 0.2V
0 ns/V to 20 ns/V
VCC = 3.3V ± 0.3V
0 ns/V to 10 ns/V
VCC = 5.0V ± 0.5V
0 ns/V to 5 ns/V
Thermal Resistance (
θ
JA)
SC70-5
425
°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
1.8
± 0.15 0.75 V
CC
0.75 VCC
V
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input Voltage
1.8
± 0.15
0.25 VCC
0.25 VCC
V
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output Voltage
1.65
1.55
1.65
1.55
V
VIN = VIH
IOH = −100 µA
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
IOH = −4 mA
2.3
1.9
2.15
1.9
IOH = −8 mA
3.0
2.4
2.80
2.4
IOH = −16 mA
3.0
2.3
2.68
2.3
IOH = −24 mA
4.5
3.8
4.20
3.8
IOH = −32 mA
VOL
LOW Level Output Voltage
1.65
0.0
0.1
0.1
V
VIN = VIL
IOL = 100 µA
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
1.65
0.08
0.24
0.24
IOL = 4 mA
2.3
0.10
0.3
0.3
IOL = 8 mA
3.0
0.15
0.4
0.4
IOL = 16 mA
3.0
0.22
0.55
0.55
IOL = 24 mA
4.5
0.22
0.55
0.55
IOL = 32 mA
IIN
Input Leakage Current
0 to 5.5
±1
±10
µAV
IN = 5.5V, GND
IOFF
Power Off Leakage Current
0.0
1
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
1.65 to 5.5
2.0
20
µAV
IN = 5.5V, GND


Similar Part No. - NC7SZ332_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ332L6X FAIRCHILD-NC7SZ332L6X Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
logo
ON Semiconductor
NC7SZ332L6X ONSEMI-NC7SZ332L6X Datasheet
254Kb / 9P
   UHS 3-Input OR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ332P6X FAIRCHILD-NC7SZ332P6X Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
logo
ON Semiconductor
NC7SZ332P6X ONSEMI-NC7SZ332P6X Datasheet
254Kb / 9P
   UHS 3-Input OR Gate
Revised September 2004
More results

Similar Description - NC7SZ332_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32_V01 Datasheet
404Kb / 11P
   TinyLogic UHS Two-Input OR Gate
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com