Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ332 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ332
Description  TinyLogic UHS 3-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ332 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ332_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ332_04 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD) (VCC) (fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance.
Input PRR
= 1.0 MHz, t
w = 500 ns.
FIGURE 1. AC Test Circuit
Input
= AC Waveforms; t
r = tf = 1.8 ns;
PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.8
± 0.15
2.0
6.5
18.5
2.0
19.0
ns
Figures
1, 3
tPHL
2.5
± 0.2
0.8
3.0
11.0
0.8
11.5
CL = 15 pF,
3.3
± 0.3
0.5
2.4
7.5
0.5
8.0
RL = 1MΩ
5.0
± 0.5
0.5
1.9
5.5
0.5
6.0
tPLH,
Propagation Delay
3.3
± 0.3
1.5
3.0
8.5
1.5
9.0
ns
CL = 50 pF,
Figures
1, 3
tPHL
5.0
± 0.5
0.8
2.4
7.0
0.8
7.5
RL = 500Ω
CIN
Input Capacitance
0
4
pF
CPD
Power Dissipation
3.3
20
pF
(Note 3)
Figure 2
Capacitance
5.0
26


Similar Part No. - NC7SZ332_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ332L6X FAIRCHILD-NC7SZ332L6X Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
logo
ON Semiconductor
NC7SZ332L6X ONSEMI-NC7SZ332L6X Datasheet
254Kb / 9P
   UHS 3-Input OR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ332P6X FAIRCHILD-NC7SZ332P6X Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
logo
ON Semiconductor
NC7SZ332P6X ONSEMI-NC7SZ332P6X Datasheet
254Kb / 9P
   UHS 3-Input OR Gate
Revised September 2004
More results

Similar Description - NC7SZ332_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32_V01 Datasheet
404Kb / 11P
   TinyLogic UHS Two-Input OR Gate
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com