Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMSN2800DUT4C Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AMSN2800DUT4C
Description  Processor Model 10 Multiprocessor Platforms
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMSN2800DUT4C Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AMSN2800DUT4C Datasheet HTML 49Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 50Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 51Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 52Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 53Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 54Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 55Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 56Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
Chapter 8
Signal and Power-Up Requirements
41
26426C—October 2003
AMD Athlon™ MP Processor Model 10 Data Sheet for Multiprocessor Platforms
Preliminary Information
8
Signal and Power-Up Requirements
The AMD Athlon™ MP processor model 10 is designed to
provide functional operation if the voltage and temperature
parameters are within the limits of normal operating ranges.
8.1
Power-Up Requirements
Signal Sequence and
Timing Description
Figure 11 shows the relationship between key signals in the
system during a power-up sequence. This figure details the
requirements of the processor.
Figure 11. Signal Relationship Requirements During Power-Up Sequence
Notes: 1. Figure 11 represents several signals generically by using names not necessarily consistent
with any pin lists or schematics.
2. Requirements 1–8 in Figure 11 are described in “Power-Up Timing Requirements” on page 42.
3.3 V Supply
VCCA (2.5 V)
(for PLL)
RESET#
VCC_CORE
NB_RESET#
PWROK
System Clock
2
1
3
4
5
6
FID[3:0]
7
8
Warm reset
condition


Similar Part No. - AMSN2800DUT4C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AMS MSYSTEM-AMS Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
logo
Advanced Energy Industr...
AMS ADVANCEDENERGY-AMS Datasheet
1Mb / 6P
   ASCENT® AMS DC POWER SUPPLIES
logo
American Microsemicondu...
AMS-01-15 AMMSEMI-AMS-01-15 Datasheet
499Kb / 1P
   Technical Specifications
logo
Tyco Electronics
AMS-162 MACOM-AMS-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

Similar Description - AMSN2800DUT4C

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
   Edge Computing Platforms
logo
Adlink Technology Inc.
MVP-6100 ADLINK-MVP-6100 Datasheet
821Kb / 2P
   Expandable GPU Workstation Platforms
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com