Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36P0R9070E0 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M36P0R9070E0
Description  512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36P0R9070E0 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M36P0R9070E0_06 Datasheet HTML 15Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 16Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 17Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 18Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 19Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 20Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 21Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 22Page - STMicroelectronics M36P0R9070E0_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
M36P0R9070E0
Package mechanical
19/23
6
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second-level interconnect. The category of
Second-Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 6.
TFBGA107 8 × 11mm - 9 × 12 active ball array, 0.8mm pitch, package
outline
1.
Drawing is not to scale.
E
D
eb
SE
A2
A1
A
BGA-Z85
ddd
FD
D1
E1
e
FE
BALL "B1"


Similar Part No. - M36P0R9070E0_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9070E0ZAC STMICROELECTRONICS-M36P0R9070E0ZAC Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0ZAC NUMONYX-M36P0R9070E0ZAC Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0ZACE STMICROELECTRONICS-M36P0R9070E0ZACE Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0ZACE NUMONYX-M36P0R9070E0ZACE Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0ZACF STMICROELECTRONICS-M36P0R9070E0ZACF Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results

Similar Description - M36P0R9070E0_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M39P0R9070E0 STMICROELECTRONICS-M39P0R9070E0 Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com