Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4W Datasheet(PDF) 3 Page - Won-Top Electronics

Part No. BZX84C2V4W
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C2V4W Datasheet(HTML) 3 Page - Won-Top Electronics

  BZX84C2V4W Datasheet HTML 1Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 2Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 3Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 4Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZX84C2V4W – BZX84C51W
3 of 5
© 2006 Won-Top Electronics
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
400
T , AMBIENT TEMPERATURE, °C
Fig. 1. Power Derating Curve
A
See Note 1
200
100
300
0
500
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMBZ5221BW_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BS_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4TS_1TRIPLE SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated
DDZ9681_1SURFACE MOUNT PRECISION ZENER DIODE 1 2 3 4 5 MoreDiodes Incorporated
DDZX9689TSTRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY 1 2 3 4 5 MoreDiodes Incorporated
PD3Z284C2V40.5W SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Diodes Incorporated
QZX363C5V6_1QUAD SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn