Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4W Datasheet(PDF) 2 Page - Won-Top Electronics

Part No. BZX84C2V4W
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C2V4W Datasheet(HTML) 2 Page - Won-Top Electronics

  BZX84C2V4W Datasheet HTML 1Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 2Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 3Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 4Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZX84C2V4W – BZX84C51W
2 of 5
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Temp.
Coefficient of
Zener Voltage
@ IZT
mV / °C
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(



)(mA)
(



)(mA)
(µA)
(V)
Min
Max
BZX84C2V4W
BZX84C2V7W
BZX84C3W
BZX84C3V3W
W1
W2
W3
W4
2.4
2.7
3.0
3.3
2.28
2.57
2.85
3.14
2.52
2.84
3.15
3.47
100
100
95
95
5.0
5.0
5.0
5.0
600
600
600
600
1.0
1.0
1.0
1.0
50
20
10
5.0
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0
BZX84C3V6W
BZX84C3V9W
BZX84C4V3W
BZX84C4V7W
W5
W6
W7
W8
3.6
3.9
4.3
4.7
3.42
3.71
4.09
4.47
3.78
4.10
4.52
4.94
90
90
90
80
5.0
5.0
5.0
5.0
600
600
600
500
1.0
1.0
1.0
1.0
5.0
3.0
3.0
3.0
1.0
1.0
1.0
2.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0.2
BZX84C5V1W
BZX84C5V6W
BZX84C6V2W
BZX84C6V8W
W9
WA
WB
WC
5.1
5.6
6.2
6.8
4.85
5.32
5.89
6.46
5.36
5.88
6.51
7.14
60
40
10
15
5.0
5.0
5.0
5.0
480
400
150
80
1.0
1.0
1.0
1.0
2.0
1.0
3.0
2.0
2.0
2.0
4.0
4.0
-2.7
-2.0
0.4
1.2
1.2
2.5
3.7
4.5
BZX84C7V5W
BZX84C8V2W
BZX84C9V1W
BZX84C10W
WD
WE
WF
WG
7.5
8.2
9.1
10
7.13
7.79
8.65
9.50
7.88
8.61
9.56
10.50
15
15
15
20
5.0
5.0
5.0
5.0
80
80
100
150
1.0
1.0
1.0
1.0
1.0
0.7
0.5
0.2
5.0
5.0
6.0
7.0
2.5
3.2
3.8
4.5
5.3
6.2
7.0
8.0
BZX84C11W
BZX84C12W
BZX84C13W
BZX84C15W
WH
WI
WK
WL
11
12
13
15
10.45
11.40
12.35
14.25
11.55
12.60
13.65
15.75
20
25
30
30
5.0
5.0
5.0
5.0
150
150
170
200
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
8.0
8.0
8.0
10.5
5.4
6.0
7.0
9.2
9.0
10
11
13
BZX84C16W
BZX84C18W
BZX84C20W
BZX84C22W
WM
WN
WO
WP
16
18
20
22
15.20
17.10
19.00
20.90
16.80
18.90
21.00
23.10
40
45
55
55
5.0
5.0
5.0
5.0
200
225
225
250
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
11.2
12.6
14
15.4
10.4
12.4
14.4
16.4
14
16
18
20
BZX84C24W
BZX84C27W
BZX84C30W
BZX84C33W
WR
WS
WT
WU
24
27
30
33
22.80
25.65
28.50
31.35
25.20
28.35
31.50
34.65
70
80
80
80
5.0
5.0
5.0
5.0
250
300
300
325
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
16.8
18.9
21
23.1
18.4
21.4
24.4
27.4
22
25.3
29.4
33.4
BZX84C36W
BZX84C39W
BZX84C43W
BZX84C47W
BZX84C51W
WW
WX
WY
WZ
XA
36
39
43
47
51
34.20
37.05
40.85
44.65
48.45
37.80
40.95
45.15
49.35
53.55
90
130
150
170
100
5.0
5.0
5.0
5.0
5.0
350
350
375
375
400
1.0
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.1
25.2
27.3
30.1
32.9
38
30.4
33.4
10.0
10.0
10.0
37.4
41.2
12
12
12
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 5ms.
3. f = 1KHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMBZ5221BW_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BS_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4TS_1TRIPLE SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated
DDZ9681_1SURFACE MOUNT PRECISION ZENER DIODE 1 2 3 4 5 MoreDiodes Incorporated
DDZX9689TSTRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY 1 2 3 4 5 MoreDiodes Incorporated
PD3Z284C2V40.5W SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Diodes Incorporated
QZX363C5V6_1QUAD SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn