Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF20820 Datasheet(PDF) 24 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # BUF20820
Description  18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF20820 Datasheet(HTML) 24 Page - Burr-Brown (TI)

Back Button BUF20820 Datasheet HTML 20Page - Burr-Brown (TI) BUF20820 Datasheet HTML 21Page - Burr-Brown (TI) BUF20820 Datasheet HTML 22Page - Burr-Brown (TI) BUF20820 Datasheet HTML 23Page - Burr-Brown (TI) BUF20820 Datasheet HTML 24Page - Burr-Brown (TI) BUF20820 Datasheet HTML 25Page - Burr-Brown (TI) BUF20820 Datasheet HTML 26Page - Burr-Brown (TI) BUF20820 Datasheet HTML 27Page - Burr-Brown (TI) BUF20820 Datasheet HTML 28Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
BUF20820
SBOS330C − DECEMBER 2005 − REVISED OCTOBER 2006
www.ti.com
24
GENERAL POWERPAD DESIGN
CONSIDERATIONS
The BUF20820 is available in a thermally-enhanced
PowerPAD package. This package is constructed using a
downset leadframe upon which the die is mounted, as
shown in Figure 22(a) and Figure 22(b). This arrangement
results in the lead frame being exposed as a thermal pad
on the underside of the package; see Figure 22(c). This
thermal pad has direct thermal contact with the die; thus,
excellent thermal performance is achieved by providing a
good thermal path away from the thermal pad.
The PowerPAD package allows for both assembly and
thermal management in one manufacturing operation.
During the surface-mount solder operation (when the
leads are being soldered), the thermal pad must be
soldered to a copper area underneath the package.
Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either
a
ground
plane
or
other
heat-dissipating
device.
Soldering the PowerPAD to the printed circuit board
(PCB) is always required, even with applications that
have
low
power
dissipation.
This
provides
the
necessary thermal and mechanical connection between
the lead frame die pad and the PCB.
The PowerPAD must be connected to the most negative
supply voltage on the device, GNDA and GNDD.
1.
Prepare the PCB with a top-side etch pattern. There
should be etching for the leads as well as etch for the
thermal pad.
2.
Place recommended holes in the area of the thermal
pad. Ideal thermal land size and thermal via patterns
(2x5) for the HTSSOP-38 DCP package can be seen
in the technical brief, PowerPAD Thermally-En-
hanced Package (SLMA002), available for download
at www.ti.com. These holes should be 13 mils in diam-
eter. Keep them small, so that solder wicking through
the holes is not a problem during reflow.
3.
Additional vias may be placed anywhere along the
thermal plane outside of the thermal pad area. This
helps dissipate the heat generated by the BUF20820
IC. These additional vias may be larger than the 13-mil
diameter vias directly under the thermal pad. They can
be larger because they are not in the thermal pad area
to be soldered; thus, wicking is not a problem.
4.
Connect all holes to the internal plane that is at the
same voltage potential as the GND pins.
5.
When connecting these holes to the internal plane, do
not use the typical web or spoke via connection
methodology. Web connections have a high thermal
resistance connection that is useful for slowing the
heat transfer during soldering operations. This makes
the soldering of vias that have plane connections
easier. In this application, however, low thermal
resistance is desired for the most efficient heat
transfer. Therefore, the holes under the BUF20820
PowerPAD package should make their connection to
the internal plane with a complete connection around
the entire circumference of the plated-through hole.
6.
The top-side solder mask should leave the terminals
of the package and the thermal pad area with its eight
holes exposed. The bottom-side solder mask should
cover the holes of the thermal pad area. This masking
prevents solder from being pulled away from the
thermal pad area during the reflow process.
7.
Apply solder paste to the exposed thermal pad area
and all of the IC terminals.
8.
With these preparatory steps in place, the BUF20820
IC is simply placed in position and run through the
solder reflow operation as any standard surface-
mount component. This preparation results in a
properly installed part.


Similar Part No. - BUF20820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF20820 TI1-BUF20820 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF20820 TI1-BUF20820 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF20820 TI1-BUF20820 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF20820 TI1-BUF20820 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF20820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Intersil Corporation
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Renesas Technology Corp
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com