Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF1252-2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF1252-2
Description  Threshold detector and reset generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1252-2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF1252-2 Datasheet HTML 1Page - NXP Semiconductors PCF1252-2 Datasheet HTML 2Page - NXP Semiconductors PCF1252-2 Datasheet HTML 3Page - NXP Semiconductors PCF1252-2 Datasheet HTML 4Page - NXP Semiconductors PCF1252-2 Datasheet HTML 5Page - NXP Semiconductors PCF1252-2 Datasheet HTML 6Page - NXP Semiconductors PCF1252-2 Datasheet HTML 7Page - NXP Semiconductors PCF1252-2 Datasheet HTML 8Page - NXP Semiconductors PCF1252-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Apr 16
5
Philips Semiconductors
Product specification
Threshold detector and reset generator
PCF1252-X family
Notes
1. Long time stability of COMIN switch point VSP and voltage trip point VTRIP: within 10 years of continuous operation
at VDD(max) and an average operating temperature of 55 °C the drift of VSP will not exceed ±10 mV. The maximum
drift for VTRIP will not exceed (±VTRIP(typ)/VSP(typ)) 10 mV.
2. Values given per degree Kelvin; tested on a sample basis.
3. Conformance to these specifications is only guaranteed if the slew rate of VDD is less than 25 V/ms.
COMIN
VSP
COMIN switch point
Tamb =25 °C; note 1
1.28
1.30
1.32
V
∆V
SP
COMIN switch point temperature
coefficient
note 2
−±0.1
±0.5
mV/K
SELECT
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
SELECT and COMIN
ILI
LOW level leakage input current
−−
−1.0
µA
ILI
HIGH level leakage input current
−−
1.0
µA
POWF, RESET and COMOUT
IO
output sink current
VO = 0.4 V;
VDD = 2.4 V;
see Fig.6
13
mA
IO
output source current
VO = 2.0 V;
VDD = 2.4 V;
see Fig.7
−0.75
−2
mA
tR
reset time
CCT = 1 nF; note 3
400
1000
2000
µs
tS
save time
CCT = 1 nF; note 3
40
100
200
µs
tR/tS
reset to save time ratio
10
Cint
CT internal capacitance
100
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - PCF1252-2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
logo
List of Unclassifed Man...
PCF1206 ETC2-PCF1206 Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PCF1206 TTELEC-PCF1206 Datasheet
813Kb / 6P
   precision thin film technology
logo
List of Unclassifed Man...
PCF1206H ETC2-PCF1206H Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
More results

Similar Description - PCF1252-2

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
   Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
   Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
   Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
   THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
   THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com