Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ57P6X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NC7SZ57P6X
Description  TinyLogic UHS Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ57P6X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NC7SZ57P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 10Page - Fairchild Semiconductor NC7SZ57P6X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
r 0.004 0.053 r 0.004
0.157
0.315
r 0.004
(2.35)
(2.45)
(3.5
r 0.10)
(1.35
r 0.10)
(4)
(8
r 0.1)


Similar Part No. - NC7SZ57P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ57P6X FAIRCHILD-NC7SZ57P6X Datasheet
162Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input
logo
ON Semiconductor
NC7SZ57P6X ONSEMI-NC7SZ57P6X Datasheet
628Kb / 15P
   UHS Universal Configurable Two-Input Logic Gates
Sep 2011 Rev. 1.0.4
NC7SZ57P6X ONSEMI-NC7SZ57P6X Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SZ57P6X-L22347 ONSEMI-NC7SZ57P6X-L22347 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ57P6X FAIRCHILD-NC7SZ57P6X_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
More results

Similar Description - NC7SZ57P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57 Datasheet
162Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57 Datasheet
628Kb / 15P
   UHS Universal Configurable Two-Input Logic Gates
Sep 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com