Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP1521SRL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LCP1521SRL
Description  Programmable transient voltage suppressor for SLIC protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521SRL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LCP1521SRL Datasheet HTML 3Page - STMicroelectronics LCP1521SRL Datasheet HTML 4Page - STMicroelectronics LCP1521SRL Datasheet HTML 5Page - STMicroelectronics LCP1521SRL Datasheet HTML 6Page - STMicroelectronics LCP1521SRL Datasheet HTML 7Page - STMicroelectronics LCP1521SRL Datasheet HTML 8Page - STMicroelectronics LCP1521SRL Datasheet HTML 9Page - STMicroelectronics LCP1521SRL Datasheet HTML 10Page - STMicroelectronics LCP1521SRL Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
LCP1521S/LCP152DEE
10/11
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
LCP1521S
CP152S
SO-8
0.11 g
100
Tube
LCP1521SRL(1)
1.
Preferred device
CP152S
2500
Tape and reel
LCP152DEERL(1)
LCP152
QFN 3x3 6L
0.022 g
3000
Tape and reel
Date
Revision
Description of Changes
Sep-2003
1A
First issue.
08-Dec-2004
2
1/ Page 2 table 3: Thermal resistances changed from 130° C/W
(SO-8) to 120° C/W and from 170° C/W (QFN) to 140° C/W.
2/ SO-8 and QFN footprint dimensions added.
17-Feb-2005
3
Table 9 on page 4: correction of typo on capacitance unit.
03-May-2005
4
Table 5 on page 3: ITSM value @ t= 1s from 4 A to 4.5 A.
07-Jul-2006
5
Replaced QFN package illustration on page 1. Reformatted
document to current layout standard. Values of ITSM modified in
Table 4. SO-8 package dimensions updated in Table 9.


Similar Part No. - LCP1521SRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1521SRL STMICROELECTRONICS-LCP1521SRL Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results

Similar Description - LCP1521SRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
   Programmable transient voltage suppressor for SLIC protection
September 2015 Rev 1
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
   Programmable transient voltage suppressor for SLIC protection
August 2013 Rev 5
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com