Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ27L6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SZ27L6X
Description  TinyLogic UHS 3-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ27L6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SZ27L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ27L6X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500466
www.fairchildsemi.com
August 2001
Revised September 2004
NC7SZ27
TinyLogic
 UHS 3-Input NOR Gate
General Description
The NC7SZ27 is a single 3-Input NOR Gate from
Fairchild’s Ultra High Speed Series of TinyLogic
. The
device is fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive while main-
taining low static power dissipation over a very broad VCC
operating range. The device is specified to operate over
the 1.65V to 5.5V VCC range. The inputs and output are
high impedance when VCC is 0V. Inputs tolerate voltages
up to 7V independent of VCC operating voltage.
Features
s Space saving SC70 6-lead package
s Ultra small MicroPak
 leadless package
s Ultra High Speed: tPD 2.4 ns typ into 50 pF at 5V VCC
s High Output Drive:
±24 mA at 3V V
CC
s Broad VCC Operating Range: 1.65V–5.5V
s Power down high impedance inputs/output
s Overvoltage tolerant inputs facilitate 5V to 3V
translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
Y
= A + B + C
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Connection Diagrams
Pin Assignments for SC70
(Top View)
Pin One Orientation Diagram
AAA represents Product Code Top Mark -see ordering code
Note: Orientation of Top Mark determines Pin One location. Read the Top
Product Code Mark left to right, Pin One is the lower left pin (see diagram)
Pad Assignment for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MIcroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order
Package
Product Code
Package Description
Supplied As
Number
Number
Top Mark
NC7SZ27P6X
MAA06A
Z27
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SZ27L6X
MAC06A
E9
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Names
Description
A, B, C
Inputs
Y
Output
ABC
Y
HX
X
L
XH
X
L
XX
H
L
LLL
H


Similar Part No. - NC7SZ27L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27L6X FAIRCHILD-NC7SZ27L6X Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7SZ27L6X ONSEMI-NC7SZ27L6X Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
More results

Similar Description - NC7SZ27L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SZ27 ONSEMI-NC7SZ27 Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ11 FAIRCHILD-NC7SZ11_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input AND Gate
NC7SZ332 FAIRCHILD-NC7SZ332_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ11 FAIRCHILD-NC7SZ11 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com