Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT18T01 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PT18T01
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PT18T01 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PT18T01 Datasheet HTML 4Page - ATMEL Corporation PT18T01 Datasheet HTML 5Page - ATMEL Corporation PT18T01 Datasheet HTML 6Page - ATMEL Corporation PT18T01 Datasheet HTML 7Page - ATMEL Corporation PT18T01 Datasheet HTML 8Page - ATMEL Corporation PT18T01 Datasheet HTML 9Page - ATMEL Corporation PT18T01 Datasheet HTML 10Page - ATMEL Corporation PT18T01 Datasheet HTML 11Page - ATMEL Corporation PT18T01 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
1389CS–CASIC–06-Nov-06
ATC18 Summary
8.
Revision History
Table 8-1.
Revision History
Document Ref.
Comments
Change
Request Ref.
1389AS
First issue.
1389BS
Reformatted.
1389CS
Added Table 1-2, “Absolute Maximum Ratings,” on page 2.


Similar Part No. - PT18T01

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
logo
FOTEK CONTROLS CO., LTD...
PT18-01NBE FOTEK-PT18-01NBE Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01NBK FOTEK-PT18-01NBK Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01NBS FOTEK-PT18-01NBS Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01PBE FOTEK-PT18-01PBE Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT18T01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com