Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT18O03 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PT18O03
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PT18O03 Datasheet(HTML) 1 Page - ATMEL Corporation

  PT18O03 Datasheet HTML 1Page - ATMEL Corporation PT18O03 Datasheet HTML 2Page - ATMEL Corporation PT18O03 Datasheet HTML 3Page - ATMEL Corporation PT18O03 Datasheet HTML 4Page - ATMEL Corporation PT18O03 Datasheet HTML 5Page - ATMEL Corporation PT18O03 Datasheet HTML 6Page - ATMEL Corporation PT18O03 Datasheet HTML 7Page - ATMEL Corporation PT18O03 Datasheet HTML 8Page - ATMEL Corporation PT18O03 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Comprehensive Library of Standard Logic and I/O Cells
ATC18 Core and I/O Cells Designed to Operate with VDD = 1.8V ± 0.15V as Main Target
Operating Conditions
IO25 and IO33 Pad Libraries Provide Interfaces to 2.5V and 3V Environments
Oscillators Provide Stable Clock Sources
Basic Analog Input/Output, Power, Ground and Multiplexer Cells Available
General-purpose Analog Cells Include Regulators, Power Management Cells, Op
Amps, Comparators, ADCs and DACs, High-performance Analog Cells Can Be
Developed on Request
Memory Cells Compiled to the Precise Requirements of the Design
Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface
and Application-specific Cells
1.
Description
The Atmel ATC18 Library is fabricated on a proprietary 0.18 micron, up to six-layer-
metal CMOS process intended for use with a supply voltage of 1.8V ± 0.15V. Table 1-
1 shows the range for which Atmel library cells have been characterized.
Table 1-1.
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
DC Supply Voltage
Core and Standard I/Os
1.65
1.8
1.95
V
VDD2.5
DC Supply voltage
2.5V Interface I/Os
2.25
2.5
2.75
V
V
DD3.3
DC Supply Voltage
3.3V Interface I/Os
3
3.3
3.6
V
VI
DC Input Voltage
0
VDD
V
V
O
DC Output Voltage
0
V
DD
V
TEMP
Operating Free Air
Temperature Range
Industrial
-40
+85
° C
TSG
Storage Temperature
-60
+150
° C
Cell-based ASIC
ATC18
Summary
1389CS–CASIC–06-Nov-06
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.


Similar Part No. - PT18O03

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
logo
FOTEK CONTROLS CO., LTD...
PT18-01NBE FOTEK-PT18-01NBE Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01NBK FOTEK-PT18-01NBK Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01NBS FOTEK-PT18-01NBS Datasheet
1Mb / 8P
   Inductive proximity sensor
PT18-01PBE FOTEK-PT18-01PBE Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT18O03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com