Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8599PQI-10 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8599PQI-10
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8599PQI-10 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8599PQI-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 9Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 10Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 11Page - Holt Integrated Circuits HI-8599PQI-10 Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Output Voltage:
Logic "1" Output Voltage
V
I
= -1.5mA
2.7
V
Logic "0" Output Voltage
V
I
= 2.6mA
0.4
V
Output Current:
Output Sink
I
V
= 0.4V
3.0
mA
(Bi-directional Pins)
Output Source
I
V
= V
- 0.4V
1.1
mA
Output Current:
Output Sink
I
V
= 0.4V
2.6
mA
(All Other Outputs)
Output Source
I
V
= V
- 0.4V
1.1
mA
Output Capacitance:
C
15
pF
V
4.75
5.25
V
V+
9.5
10.5
V
V-
-9.5
-10.5
V
V
I
20
mA
MIN
TYP
MAX
ARINC OUTPUTS
OTHER OUTPUTS
Operating Voltage Range
Operating Supply Current
ARINC output voltage
One or zero
V
no load and magnitude at pin
4.50
5.00
5.50
V
Null
V
-0.25
0.25
V
ARINC output current
I
80
mA
V+
I
16
mA
V-
I
16
mA
DOUT
NOUT
"
"
"
"
"
"
OUT
DD1
EE1
OH
OH
OL
OL
OL
OUT
OH
OUT
CC
OL
OUT
OH
OUT
CC
O
CC
CC
CC1
Vcc = 5V ±5%, V+ = 10V, V- = -10V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
DC ELECTRICAL CHARACTERISTICS
(cont.)
HI-8599
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI-8599PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8599PQIF HOLTIC-HI-8599PQIF Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8599PQIF-10 HOLTIC-HI-8599PQIF-10 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
More results

Similar Description - HI-8599PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com