Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-000-0854090 Datasheet(PDF) 10 Page - ITT Industries

Part # 050-000-0854090
Description  RF Coaxial Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-000-0854090 Datasheet(HTML) 10 Page - ITT Industries

Back Button 050-000-0854090 Datasheet HTML 6Page - ITT Industries 050-000-0854090 Datasheet HTML 7Page - ITT Industries 050-000-0854090 Datasheet HTML 8Page - ITT Industries 050-000-0854090 Datasheet HTML 9Page - ITT Industries 050-000-0854090 Datasheet HTML 10Page - ITT Industries 050-000-0854090 Datasheet HTML 11Page - ITT Industries 050-000-0854090 Datasheet HTML 12Page - ITT Industries 050-000-0854090 Datasheet HTML 13Page - ITT Industries 050-000-0854090 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
114
RF Coaxial Connectors
Assembly Instructions
AI-128 & AI-663
SSMB/SSMC Straight Connectors, Crimp Type for Braided Cable
HEAT
SHRINKABLE
TUBING
CRIMP
FERRULE
REAR BODY
REAR
INSULATOR
CONTACT
FRONT
BODY
1. Slide heat shrinkable tubing and ferrule on to cable.
2. Trim cable to dimensions shown.
Assembly Instruction No.
B
C
D
AI-663
6,86 (.270)
2,29 (.090)
10,41 (.410)
AI-128 - For center conductors
X 0,51 (.020)
6,76 (.266)
2,29 (.090)
9,53 (.375)
AI-128 - For all other conductor sizes
7,54 (.297)
3,05 (.120)
10,31 (.406)
3. Slide rear body over dielectric and under the braid until braid is flush with flange.
N.B. When using cable with inflexible jackets it is permissible to make two 3,00 (.118) long
longitudinal slits in the outer jacket.
4. Slide ferrule over exposed braid up to hex. flange.
5. Crimp using ITT Cannon Crimp Tool and suitable die set (see table). Ensure ferrule is held close to
hex. flange.
6. Slide heat shrinkable tubing over crimp and heat shrink into place using hot air gun. Air
temperature should be approximately 125
°C.
7. Trim dielectric flush with surface ‘A’ on body using a sharp knife. Take care not to nick center
conductor.
8. Trim center conductor as shown.
9. Tin center conductor (do not allow solder to touch end of body or dielectric).
10. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia. (28 swg) multi-core solder
in rear of contact.
11. Place rear insulator over center conductor. When insulator has counterbore, the contact fits into
the counterbore.
12. Assemble contact onto center conductor, heat to make solder connection. Do not allow solder to
protrude outside spill hole.
13. Solder should be visible at inspection hole, if excess solder runs from inspection hole, remove
with sharp blade taking care not to damage plating.
14. Screw on the front body and tighten to a torque of 0.14 Nm (20 in. ozs.).
Only common cable retention features are shown in detail - various body configurations can
apply.
Cable Type
Cable Code
Die Size
RG196/U
3196
2,67 (.105)
RG316/U
3188
3,25 (.128)
RD316
3875
3,84 (.151)


Similar Part No. - 050-000-0854090

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-000-0030070 ITT-050-000-0030070 Datasheet
52Kb / 2P
   12-POINT CENTER PIN CRIMP TOOL
More results

Similar Description - 050-000-0854090

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com