Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-000-0854090 Datasheet(PDF) 9 Page - ITT Industries

Part # 050-000-0854090
Description  RF Coaxial Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-000-0854090 Datasheet(HTML) 9 Page - ITT Industries

Back Button 050-000-0854090 Datasheet HTML 5Page - ITT Industries 050-000-0854090 Datasheet HTML 6Page - ITT Industries 050-000-0854090 Datasheet HTML 7Page - ITT Industries 050-000-0854090 Datasheet HTML 8Page - ITT Industries 050-000-0854090 Datasheet HTML 9Page - ITT Industries 050-000-0854090 Datasheet HTML 10Page - ITT Industries 050-000-0854090 Datasheet HTML 11Page - ITT Industries 050-000-0854090 Datasheet HTML 12Page - ITT Industries 050-000-0854090 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
113
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-106
SMA Straight Connectors, Clamp Type for Braided Cable
CLAMP NUT
‘O’ RING
SLEEVE
INSULATOR
CONTACT
FRONT BODY
1. Slide clamp nut and ‘0’ ring over cable.
2. Trim cable to dimensions shown being careful not to nick the braid.
ABC
6,35 (.250)
4,78 (.188)
3,18 (.125)
3. Thumb braid out radially to expose the cable dielectric.
4. Slide sleeve over dielectric and under braid until sleeve is flush with braid. N.B. When using
cables with inflexible jackets it is permissible to make two 3,17 (.125) long longitudinal slits in the
outer jacket.
5. Trim braid flush with flange of sleeve.
6. Trim back dielectric to dimension shown.
7. Tin center conductor (DO NOT OVER TIN).
8. Fit insulator over center conductor with counterbore in direction shown.
9. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia. (28 swg) multi-core solder
in rear of contact on center conductor. Heat to make solder connection ensuring shoulder of
contact is flush against rear insulator. Do not allow solder to protrude outside spill hole.
10. Fit front insulator if not part of body.
11. Thread on body and tighten clamp nut to 1.02 Nm (9 in. lbs.).


Similar Part No. - 050-000-0854090

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-000-0030070 ITT-050-000-0030070 Datasheet
52Kb / 2P
   12-POINT CENTER PIN CRIMP TOOL
More results

Similar Description - 050-000-0854090

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com