Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ11 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ11
Description  TinyLogic UHS 3-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ11 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ11_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ11_04 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7SZ11_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ11L6X FAIRCHILD-NC7SZ11L6X Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
logo
ON Semiconductor
NC7SZ11L6X ONSEMI-NC7SZ11L6X Datasheet
348Kb / 9P
   TinyLogic UHS Three-Input AND Gate
January, 2021 ??Rev. 3
NC7SZ11L6X ONSEMI-NC7SZ11L6X Datasheet
309Kb / 10P
   TinyLogic UHS Three-Input AND Gate
March, 2022 ??Rev. 4
logo
Fairchild Semiconductor
NC7SZ11P6X FAIRCHILD-NC7SZ11P6X Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
logo
ON Semiconductor
NC7SZ11P6X ONSEMI-NC7SZ11P6X Datasheet
348Kb / 9P
   TinyLogic UHS Three-Input AND Gate
January, 2021 ??Rev. 3
More results

Similar Description - NC7SZ11_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ11 FAIRCHILD-NC7SZ11 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ332 FAIRCHILD-NC7SZ332_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ10 FAIRCHILD-NC7SZ10 Datasheet
100Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
logo
ON Semiconductor
NC7SZ11 ONSEMI-NC7SZ11 Datasheet
348Kb / 9P
   TinyLogic UHS Three-Input AND Gate
January, 2021 ??Rev. 3
NC7SZ08 ONSEMI-NC7SZ08_V01 Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com