Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312-910-0630G Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 312-910-0630G
Description  Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

312-910-0630G Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 312-910-0630G Datasheet HTML 39Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 40Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 41Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 42Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 43Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 44Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 45Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 46Page - List of Unclassifed Manufacturers 312-910-0630G Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
Winchester/Retconn
400 Park Road • Watertown, Connecticut 06795-5000 • Phone: (860) 945-5000 • FAX: (860) 945-3950 • Internet: http://www.litton-wed.com
D-SUBMINIATURE CONNECTORS: Footprints
DS/43
7W2
Straight Coax Contacts
Viewed from component side of PCB.
Male footprint shown.
Female footprint is mirrored.
Dimensions shown are in inches.
11W1
Straight Coax Contacts
9W4
Straight Coax Contacts
Viewed from component side of PCB.
Male footprint shown.
Female footprint is mirrored.
Viewed from component side of PCB.
Male footprint shown.
Female footprint is mirrored.
13W3
Straight Coax Contacts
Viewed from component side of PCB.
Male footprint shown.
Female footprint is mirrored.
Signal Contact Dia. “D” DIM.
.040
.055 MIN.
.030
.045 MIN.
.024
.040 MIN.
Signal Contact Dia. “D” DIM.
.040
.055 MIN.
.030
.045 MIN.
.024
.040 MIN.
Signal Contact Dia. “D” DIM.
.040
.055 MIN.
.030
.045 MIN.
.024
.040 MIN.
Signal Contact Dia. “D” DIM.
.040
.055 MIN.
.030
.045 MIN.
.024
.040 MIN.


Similar Part No. - 312-910-0630G

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
312-910-0631G WINCHESTER-312-910-0631G Datasheet
55Kb / 1P
   31SERIES RIGHT ANGLE PLUG
More results

Similar Description - 312-910-0630G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Molex Electronics Ltd.
987651-1642 MOLEX-987651-1642 Datasheet
195Kb / 2P
   SMPM RF Blind-Mate Connectors
2018.08
logo
XP Power Limited
GFR XPPOWER-GFR Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
GFR1K5 XPPOWER-GFR1K5 Datasheet
3Mb / 29P
   1U Blind-Mate Hotswap Redundant
logo
ERNI Electronics
354182 ERNI-354182 Datasheet
102Kb / 1P
   M01 MSpeed Blind Mate 50 THR
100200750002 ERNI-100200750002 Datasheet
114Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
354183 ERNI-354183 Datasheet
106Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
354184 ERNI-354184 Datasheet
100Kb / 1P
   M02 MSpeed Blind Mate 50 THR
354185 ERNI-354185 Datasheet
91Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com