Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8573 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8573
Description  Quad CMOS Op Amp / Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8573 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8573_06 Datasheet HTML 1Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 2Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 3Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 4Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 5Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 6Page - Holt Integrated Circuits HI-8573_06 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HOLT INTEGRATED CIRCUITS
4
PARAMETER
SYMBOL
V
MIN
TYP
MAX
UNITS
CC
Input common mode voltage range
(ISET = 200
5
0
3
10
0
8
15
0
13
Output low voltage "0" level
10
0
0.05
15
0
0.05
Average temperature coefficient of V
V
20
V/°C
Input bias current
I
10
1
nA
Input offset current
I
10
200
pA
Open loop voltage gain
(I
= 50
A
10
m
m
D
m
m
W
m
W
A)
VV
5
0
0.05
VV
Output high voltage "1" level
5
4.95
5
V
10
9.95
10
V
15
14.95
15
Output source current
(V
= 2.5 V)
5
-0.24
-0.42
(V
= 4.6 V)
I
5
-0.51
-0.88
mAdc
(V
= 9.5 V)
10
-1.3
-2.25
(V
= 13.5 V)
15
-3.4
-8.8
Output sink current
(V
= 0.4 V)
5
1.25
2.25
(V
= 0.5 V)
I
10
3.25
5.6
mAdc
(V
= 1.5 V)
15
8.5
20
Input offset voltage
(ISET = 50 A)
V
10
±5
±25
mVdc
/T
A)
96
dB
Power supply rejection ratio
PSRR
10
70
dB
Common mode rejection ratio
CMRR
10
80
dB
Channel separation
10
-100
dB
Output rise and fall time
(C = 50 pF)
tT
10
100
ns
tT
Propagation delay time,
(I
= 50 A, CL = 50 pF)
tD
10
1000
ns
5 mV overdrive
Supply current, per pair
(RSET = 1 M )
5
50
I
10
100
A
15
150
Supply current, per pair
(RSET = 100 K )
5
0.45
I
10
1.0
mA
15
1.5
ICR
OL
OH
OH
OH
OH
OH
OH
OL
OL
OL
OL
IO
O
LLH
HL
SET
CC
CC
IO
I
IB
IO
SET
VOL
Dm
HI-8573, HI-8574, HI-8575
ELECTRICAL CHARACTERISTICS - COMPARATOR
V
= 0V, T = 25°C (unless otherwise specified).
EE
A
NOTE: Unused inputs should always be tied to either V
or V
CC
EE
ELECTRICAL CHARACTERISTICS - COMPARATOR


Similar Part No. - HI-8573_06

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573PDI HOLTIC-HI-8573PDI Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
HI-8573PSI HOLTIC-HI-8573PSI Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
More results

Similar Description - HI-8573_06

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573 HOLTIC-HI-8573 Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
   Quad Micropower Op Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com