Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ02 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ02
Description  TinyLogic UHS 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ02 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ02_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ02_05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD
(CPD)(VCC)(fIN)  (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
1.0 MHz; tw
500 ns
FIGURE 1. AC Test Circuit
Input
AC Waveform; tr tf 1.8 ns;
PRR
10 MHz; Duty Cycle
50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.65
2.0
5.3
11.5
2.0
12.0
ns
Figures
1, 3
tPHL
1.8
2.0
4.4
9.5
2.0
10
2.5
r 0.2
0.8
2.9
6.5
0.8
7.0
CL 15 pF,
3.3
r 0.3
0.5
2.3
4.5
0.5
4.7
RL 1 M:
5.0
r 0.5
0.5
1.9
3.9
0.5
4.1
tPLH,
Propagation Delay
3.3
r 0.3
1.5
2.9
5.0
1.5
5.2
ns
CL 50 pF,
Figures
1, 3
tPHL
5.0
r 0.5
0.8
2.4
4.3
0.8
4.5
RL 500:
CIN
Input Capacitance
0
4
pF
CPD
Power Dissipation
3.3
23
pF
(Note 4)
Figure 2
Capacitance
5.0
30


Similar Part No. - NC7SZ02_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ02FHX ONSEMI-NC7SZ02FHX Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
NC7SZ02L6X ONSEMI-NC7SZ02L6X Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SZ02M5 FAIRCHILD-NC7SZ02M5 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02M5X FAIRCHILD-NC7SZ02M5X Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
logo
ON Semiconductor
NC7SZ02M5X ONSEMI-NC7SZ02M5X Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
More results

Similar Description - NC7SZ02_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com