Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ00 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ00
Description  TinyLogic UHS 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ00 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ00_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ00_05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD
(CPD)(VCC)(fIN) (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
1.0 MHz; tw
500 ns
FIGURE 1. AC Test Circuit
Input
AC Waveform; tr tf 1.8 ns;
PRR
10 MHz; Duty Cycle
50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.65
2.0
5.4
11.4
2.0
12
ns
Figures
1, 3
tPHL
1.8
2.0
4.5
9.5
2.0
10.0
2.5
r 0.2
0.8
3.0
6.5
0.8
7.0
CL 15 pF,
3.3
r 0.3
0.5
2.4
4.5
0.5
4.7
RL 1 M:
5.0
r 0.5
0.5
2.0
3.9
0.5
4.1
tPLH,
Propagation Delay
3.3
r 0.3
1.5
2.9
5.0
1.5
5.2
ns
CL 50 pF,
Figures
1, 3
tPHL
5.0
r 0.5
0.8
2.4
4.3
0.8
4.5
RL 500:
CIN
Input Capacitance
0
4
pF
CPD
Power Dissipation Capacitance
3.3
24
pF
(Note 5)
Figure 2
5.0
30


Similar Part No. - NC7SZ00_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ00FHX ONSEMI-NC7SZ00FHX Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ00FHX FAIRCHILD-NC7SZ00FHX_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
logo
ON Semiconductor
NC7SZ00L6X ONSEMI-NC7SZ00L6X Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ00L6X FAIRCHILD-NC7SZ00L6X_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
NC7SZ00M5 FAIRCHILD-NC7SZ00M5 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
More results

Similar Description - NC7SZ00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10 Datasheet
100Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
logo
ON Semiconductor
NC7SZ00 ONSEMI-NC7SZ00 Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com