Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C188 Datasheet(PDF) 4 Page - Intel Corporation

Part # 80C188
Description  Intel Dialogic Voice Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 Datasheet(HTML) 4 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
The dual-processor combination also performs the follow-
ing outbound dialing and call progress monitoring:
transmits an off-hook signal to the telephone network
dials out (makes an outbound call)
monitors and reports results
— line busy or congested
— operator intercept
— ring, no answer
— or if the call is answered, whether answered by a
person, an answering machine, a facsimile machine,
or a modem
When recording speech, the DSP can use different digi-
tizing rates from 24 Kb/s to 64 Kb/s as selected by the
application for the best speech quality and most efficient
storage. The digitizing rate can be selected on a channel-
by-channel basis and can be changed each time a record
or play function is initiated. Outbound processing is the
reverse of inbound processing. The DSP processed
speech is transmitted by the control microprocessor to
the host PC for disk storage. When replaying a stored file,
the microprocessor receives the voice information from
the host PC and passes it to the DSP which converts the
file into digitized voice. The DSP sends digitized voice to
the CODEC to be converted into analog voice and then
to the line interface for transmission to the telephone net-
work.
The on-board microprocessor controls all operations of
the DIALOG/4 board via a local bus and interprets and
executes commands from the host PC. This
microprocessor
handles real-time events
manages data flow to the host PC to provide faster
system response time
reduces PC host-processing demands
processes DTMF and telephony signals before passing
them to the application
frees the DSP to perform signal processing
Communications between this microprocessor and the
host PC is via the shared RAM that acts as an input/out-
put buffer, increasing the efficiency of disk file transfers.
This RAM interfaces to the host PC via the XT/AT bus. All
operations are interrupt-driven to meet the demands of
real-time systems. All DIALOG/4 boards installed in the
PC share the same interrupt line. When the system is ini-
tialized, Spring Ware firmware to control all board opera-
tions is downloaded from the host PC to the on-board
code/data RAM and DSP RAM. This downloadable
firmware gives the board all of its intelligence and enables
easy feature enhancement and upgrades.
4
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet


Similar Part No. - 80C188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
logo
Intel Corporation
80C188EA INTEL-80C188EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C188EB INTEL-80C188EB Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C188EB13 INTEL-80C188EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C188EB20 INTEL-80C188EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - 80C188

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NUC7I3BNB INTEL-NUC7I3BNB Datasheet
2Mb / 77P
   Intel NUC Board
NUC7I5BNB INTEL-NUC7I5BNB Datasheet
3Mb / 83P
   Intel NUC Board
logo
Fairchild Semiconductor
MTC6 FAIRCHILD-MTC6 Datasheet
145Kb / 1P
   VMT with Intel Atom짰 Processor and Voice Kit
logo
Intel Corporation
NUC7I5DN INTEL-NUC7I5DN Datasheet
2Mb / 79P
   Intel NUC Board/Kit
NUC7I3DN INTEL-NUC7I3DN Datasheet
2Mb / 75P
   Intel NUC Board/Kit
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
   Intel® Desktop Board
July 2013 Rev. -006
NUC7I7DN INTEL-NUC7I7DN Datasheet
2Mb / 77P
   Intel NUC Board/Kit
D64569-007 INTEL-D64569-007 Datasheet
780Kb / 76P
   Intel Server Board S5000VCL
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
   Intel Atom N270 (1.6GHz) CPU on board
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
   Intel Atom??Z510/ Z530 3.5" Embedded Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com