Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4306AV Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZVN4306AV
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4306AV Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZVN4306AV Datasheet HTML 1Page - Zetex Semiconductors ZVN4306AV Datasheet HTML 2Page - Zetex Semiconductors ZVN4306AV Datasheet HTML 3Page - Zetex Semiconductors ZVN4306AV Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
Saturation Characteristics
VDS - Drain Source Voltage (Volts)
0
1
234
5
6
7
8
9
10
Normalised RDS(on) and VGS(th) v Temperature
Tj-Junction Temperature (°C)
-50 -25
0
25 50 75 100
150
125
175 200
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-
So
urc
e R
esi
sta
nc
e R
DS
(o
n)
Gate Threshold Voltage VGS(TH)
ID=3A
VGS=10V
ID=1mA
VGS=VDS
2.6
225
0
4
1
2
7
6
5
3
10
9
8
10V
8V
9V
7V
5V
4V
6V
3.5V
VGS=
20V 12V
On-resistance v drain current
ID-Drain Current (Amps)
0.1
10
100
3.5V
5V
VGS=3V
6V
0.1
10
1.0
1
10V
3V
12
11
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Coss
Ciss
Crss
0
1020
30
40
5060
70
80
0
300
200
100
400
500
Q-Charge (nC)
Gate charge v gate-source voltage
0
10
8
6
2
0
4
12
14
16
VDD=
20V
ID=3A
40V
60V
12
3
4
5
6
78
9
10 11 12
Transconductance v drain current
ID(on)- Drain Current (Amps)
02
4
68
10
VDS=10V
0
1
2
4
3
5
12
14
16
18
20
8V
ZVN4306AV


Similar Part No. - ZVN4306AV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4306AV DIODES-ZVN4306AV Datasheet
196Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4306AV DIODES-ZVN4306AV_15 Datasheet
196Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4306AV

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com