Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SV74 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NC7SV74
Description  TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV74 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SV74_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 9Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
1.0 MHz; tw 500 ns
FIGURE 1. AC Test Circuit
CP Input
AC Waveform; tr tf 2.5 ns;
CP Input PRR
10 MHz; Duty Cycle
50%
D Input PRR
5MHz; Duty Cycle
50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
FIGURE 4. AC Waveforms
FIGURE 5. AC Waveforms
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3V r 0.3V
VCC x 2 at VCC  3.0V
tPZH, tPHZ
GND


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn