Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7SV74 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NC7SV74
Description  TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SV74 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tW
Pulse Width,
0.90
7.0
7.0
ns
CL 15 pF, RL 1 M:
Figures
1, 5
CK, PR, CLR
1.10
d VCC d 1.30
4.0
4.0
CL 15 pF, RL 2 K:
1.40
d VCC d 1.60
3.0
3.0
1.65
d VCC d 1.95
3.0
3.0
CL 30 pF
2.30
d VCC d 2.70
3.0
3.0
RL 500:
2.70
d VCC d 3.60
3.0
3.0
tREC
Recover Time
0.90
8.0
8.0
ns
CL 15 pF, RL 1 M:
Figures
1, 4
CLR, PR to CK
1.10
d VCC d 1.30
4.5
4.5
CL 15 pF, RL 2 K:
1.40
d VCC d 1.60
3.0
3.0
1.65
d VCC d 1.95
3.0
3.0
CL 30 pF
2.30
d VCC d 2.70
3.0
3.0
RL 500:
2.70
d VCC d 3.60
3.0
3.0
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Input Capacitance
2.0
pF
VCC 0V
COUT
Output Capacitance
4.5
pF
VCC 0V
CPD
Power Dissipation Capacitance
20.0
pF
VI VCC or 0V
f
10 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn