Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV38 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SV38
Description  TinyLogic ULP-A 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV38 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SV38 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV38 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µA
VI = VCC or GND
0.90 to 3.60
±0.9
VCC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
0.90
13
ns
CL = 15 pF,
Figures
1, 2
tPLZ
RU = RD = 1000Ω
1.10
≤ V
CC ≤ 1.30
3.0
6.0
15.0
1.0
18.6
CL = 15 pF,
1.40
≤ V
CC ≤ 1.60
1.0
3.2
8.7
1.0
9.7
RU = RD = 1000Ω
1.65
≤ V
CC ≤ 1.95
1.0
2.0
6.0
1.0
6.8
CL = 30 pF,
2.30
≤ V
CC < 2.70
0.8
1.2
3.6
0.7
4.7
RU = RD = 1000Ω
2.70
≤ V
CC ≤ 3.60
0.7
1.0
3.3
0.6
4.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
6.5
pF
CPD
Power Dissipation
0.90 to 3.60
8
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VX
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
VOL + 0.1V
VOL + 0.1V
VOL + 0.1V


Similar Part No. - NC7SV38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7SV38L6X FAIRCHILD-NC7SV38L6X Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7SV38P5X FAIRCHILD-NC7SV38P5X Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
More results

Similar Description - NC7SV38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV00 ONSEMI-NC7SV00 Datasheet
387Kb / 10P
   TinyLogic ULP-A 2-Input NAND Gate
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV00 FAIRCHILD-NC7SV00 Datasheet
293Kb / 9P
   TinyLogic ULP-A 2-Input NAND Gate
NC7SV00 FAIRCHILD-NC7SV00_04 Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input NAND Gate
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38 Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7SP00 FAIRCHILD-NC7SP00 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
logo
ON Semiconductor
NC7SP00 ONSEMI-NC7SP00 Datasheet
391Kb / 11P
   TinyLogic ULP 2-Input NAND Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP00 FAIRCHILD-NC7SP00_04 Datasheet
296Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00_V01 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7SP00 ONSEMI-NC7SP00_V01 Datasheet
170Kb / 8P
   TinyLogic ULP-A NAND Gate
October, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com