Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SV05 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NC7SV05
Description  TinyLogic ULP-A Inverter (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SV05 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µA
VI = VCC or GND
0.90 to 3.60
±0.9
VCC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
0.90
13
ns
CL = 15 pF,
Figures
1, 2
tPLZ
RU = RD 1kΩ
1.10
≤ V
CC ≤ 1.30
3.0
6.0
15.0
1.0
18.6
CL = 30 pF,
1.40
≤ V
CC ≤ 1.60
1.0
3.2
8.7
1.0
9.7
RU = RD 1kΩ
1.65
≤ V
CC ≤ 1.95
1.0
2.0
6.0
1.0
6.8
CL = 30 pF
2.30
≤ V
CC < 2.70
0.8
1.2
3.6
0.7
4.7
RU = RD 1kΩ
2.70
≤ V
CC ≤ 3.60
0.7
1.0
3.3
0.6
4.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
6.5
pF
CPD
Power Dissipation
0.90 to 3.60
10
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz
TEST
SWITCH
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC × 2 at VCC = 0.9V − 2.7V
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.1V
1.2 V
± 0.1V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VOL + 0.1V
VOL + 0.1V
VOL + 0.1V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn