Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP126 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SP126
Description  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP126 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SP126_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP126_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: Absolute Maximum Ratings: are those values beyond which the
safety of the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VIN)
−0.5V to +4.6V
DC Output Voltage (VOUT)
HIGH or LOW State (Note 2)
−0.5V to V
CC +0.5V
VCC = 0V
−0.5V to 4.6V
DC Input Diode Current (IIK) VIN < 0V
±50 mA
DC Output Diode Current (IOK)
VOUT < 0V
−50 mA
VOUT > VCC
+50 mA
DC Output Source/Sink Current (IOH/IOL)
± 50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
± 50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Supply Voltage
0.9V to 3.6V
Input Voltage (VIN)
0V to 3.6V
Output Voltage (VOUT)
HIGH or LOW State
0V to VCC
VCC = 0V
0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±2.6 mA
VCC = 2.3V to 2.7V
± 2.1 mA
VCC = 1.65V to 1.95V
± 1.5 mA
VCC = 1.40V to 1.60V
± 1 mA
VCC = 1.10V to 1.30V
±0.5 mA
VCC = 0.9V
±20 µA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VIH
HIGH Level
0.90
0.65 x VCC
0.65 x VCC
V
Input Voltage
1.10
≤ V
CC ≤ 1.30
0.65 x VCC
0.65 x VCC
1.40
≤ V
CC ≤ 1.60
0.65 x VCC
0.65 x VCC
1.65
≤ V
CC ≤ 1.95
0.65 x VCC
0.65 x VCC
2.30
≤ V
CC ≤ 2.70
1.6
1.6
3.00
≤ V
CC ≤ 3.60
2.1
2.1
VIL
LOW Level
0.90
0.35 x VCC
0.35 x VCC
V
Input Voltage
1.10
≤ V
CC ≤ 1.30
0.35 x VCC
0.35 x VCC
1.40
≤ V
CC ≤ 1.60
0.35 x VCC
0.35 x VCC
1.65
≤ V
CC ≤ 1.95
0.35 x VCC
0.35 x VCC
2.30
≤ V
CC ≤ 2.70
0.7
0.7
3.00
≤ V
CC ≤ 3.60
0.9
0.9
VOH
HIGH Level
0.90
VCC − 0.1
VCC − 0.1
V
IOH = −20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
VCC − 0.1
VCC − 0.1
1.40
≤ V
CC ≤ 1.60
VCC − 0.1
VCC − 0.1
1.65
≤ V
CC ≤ 1.95
VCC − 0.1
VCC − 0.1
2.30
≤ V
CC ≤ 2.70
VCC − 0.1
VCC − 0.1
3.00
≤ V
CC ≤ 3.60
VCC − 0.1
VCC − 0.1
1.10
≤ V
CC ≤ 1.30
0.75 x VCC
0.70 x VCC
IOH = −0.5 mA
1.40
≤ V
CC ≤ 1.60
1.07
0.99
IOH = −1 mA
1.65
≤ V
CC ≤ 1.95
1.24
1.22
IOH = −1.5 mA
2.30
≤ V
CC ≤ 2.70
1.95
1.87
IOH = −2.1 mA
3.00
≤ V
CC ≤ 3.60
2.61
2.55
IOH = −2.6 mA


Similar Part No. - NC7SP126_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP126FHX ONSEMI-NC7SP126FHX Datasheet
619Kb / 14P
   TinyLogic ULP Buffer with Three-State Output
December 2010 Rev. 1.0.4
NC7SP126FHX ONSEMI-NC7SP126FHX Datasheet
224Kb / 11P
   TinyLogic ULP-A Buffer with Three-State Output
May, 2022 ??Rev. 4
NC7SP126FHX-L22780 ONSEMI-NC7SP126FHX-L22780 Datasheet
224Kb / 11P
   TinyLogic ULP-A Buffer with Three-State Output
May, 2022 ??Rev. 4
logo
Fairchild Semiconductor
NC7SP126L6X FAIRCHILD-NC7SP126L6X Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP126L6X ONSEMI-NC7SP126L6X Datasheet
619Kb / 14P
   TinyLogic ULP Buffer with Three-State Output
December 2010 Rev. 1.0.4
More results

Similar Description - NC7SP126_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125_04 Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7WP125 FAIRCHILD-NC7WP125 Datasheet
207Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7WP125 ONSEMI-NC7WP125 Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126 Datasheet
303Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com