Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP74 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SP74
Description  TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP74 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SP74_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 9Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (15pF, 1M
Ω)
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
0.90
40.0
MHz
Figures
1, 5
Frequency
1.10
≤ V
CC ≤ 1.30
50
150
1.40
≤ V
CC ≤ 1.60
75
200
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
100
250
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
125
175
3.00
≤ V
CC ≤ 3.60
150
200
tPLH
Propagation Delay
0.90
27.0
ns
Figures
1, 3
tPHL
CK to Q, Q
1.10
≤ V
CC ≤ 1.30
5.0
16.0
23.0
4.5
34.0
1.40
≤ V
CC ≤ 1.60
3.0
10.0
14.0
2.5
16.0
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.0
7.0
11.0
2.0
13.0
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
5.0
8.0
1.0
9.0
3.00
≤ V
CC ≤ 3.60
1.0
4.0
7.0
0.5
8.0
tPLH
Propagation Delay
0.90
27.0
ns
Figures
1, 3
tPHL
CLR, PR, to Q, Q
1.10
≤ V
CC ≤ 1.30
5.0
15.0
24.0
5.0
37.0
1.40
≤ V
CC ≤ 1.60
3.0
10.0
13.0
3.0
16.0
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.0
7.0
11.0
2.0
13.0
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
5.0
9.0
1.5
9.0
3.00
≤ V
CC ≤ 3.60
1.0
4.0
7.0
1.0
8.0
tS
Setup Time,
0.90
10.0
ns
Figures
1, 4
CK to D
1.10
≤ V
CC ≤ 1.30
7.0
7.0
1.40
≤ V
CC ≤ 1.60
3.0
3.0
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.0
2.0
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
1.5
3.00
≤ V
CC ≤ 3.60
1.0
1.0
tH
Hold Time,
0.90
1.0
ns
Figures
1, 4
CK to D
1.10
≤ V
CC ≤ 1.30
0.5
0.5
1.40
≤ V
CC ≤ 1.60
0.5
0.5
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
0.5
0.5
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
0.5
0.5
3.00
≤ V
CC ≤ 3.60
0.5
0.5
tW
Pulse Width,
0.90
5.0
ns
Figures
1, 5
CK, PR, CLR
1.10
≤ V
CC ≤ 1.30
5.0
5.0
1.40
≤ V
CC ≤ 1.60
3.0
3.0
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.5
2.5
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
2.5
2.5
3.00
≤ V
CC ≤ 3.60
2.0
2.0
tREC
Recover Time
0.90
12.0
ns
Figures
1, 4
CLR, PR to CK
1.10
≤ V
CC ≤ 1.30
8.5
8.5
1.40
≤ V
CC ≤ 1.60
3.5
3.5
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
3.0
3.0
RD = 1 MΩ
2.30
≤ V
CC ≤ 2.70
2.5
2.5
3.00
≤ V
CC ≤ 3.60
2.0
2.0


Similar Part No. - NC7SP74_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP74K8X FAIRCHILD-NC7SP74K8X Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SP74K8X ONSEMI-NC7SP74K8X Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74L8X FAIRCHILD-NC7SP74L8X Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SP74L8X ONSEMI-NC7SP74L8X Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
More results

Similar Description - NC7SP74_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP74 ONSEMI-NC7SP74 Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74 FAIRCHILD-NC7SP74 Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SV74 FAIRCHILD-NC7SV74_05 Datasheet
250Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74 FAIRCHILD-NC7SZ74 Datasheet
211Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Preset and Clear
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com