Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SP74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NC7SP74
Description  TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SP74_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP74_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.1
0.1
1.65
≤ V
CC ≤ 1.95
0.1
0.1
2.30
≤ V
CC ≤ 2.70
0.1
0.1
3.00
≤ V
CC ≤ 3.60
0.1
0.1
1.10
≤ V
CC ≤ 1.30
0.30 x VCC
0.30 x VCC
IOL = 0.5 mA
1.40
≤ V
CC ≤ 1.60
0.31
0.37
IOL = 1.0 mA
1.65
≤ V
CC ≤ 1.95
0.31
0.35
IOL = 1.5 mA
2.30
≤ V
CC ≤ 2.70
0.31
0.33
IOL = 2.1 mA
3.00
≤ V
CC ≤ 3.60
0.31
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.5
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µAV
I = VCC or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn