Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2531ETI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2531ETI
Description  Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2531ETI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2531ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 12Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 13Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LNA linearity is required for cross-modulation suppres-
sion. Use HGLL mode when the transmitter is off and
cross-modulation is not a concern. The LNAs are
designed to minimize input VSWR when changing
modes. Use low-gain mode for receiving large signals
and when high sensitivity is not required. The cellular
band provides an additional gain mode (MG) for
improved IP3 margin in CDMA medium-level interfer-
ence condition.
Downconverters
The downconverters in these devices are double-
balanced mixers. The cellular and PCS mixers have
three gain modes: high linearity, low linearity, and low
gain. The cellular and PCS mixers can route the IF sig-
nal to either IF0 or IF1 port. IF_SEL = low routes the IF
signal to IF0 port; IF_SEL = high routes the IF signal to
IF1 port. The GPS mixer has only one mode, and it has
a dedicated IF port (Table 2). All mixer inputs include
on-chip matching networks to reduce the external com-
ponent count.
LO Generation
Table 3 shows the options for the LO generation. The
on-chip LO divider or multiplier allows triple-band oper-
ation with a single VCO. The MAX2351 and MAX2531
have an LO multiplier that doubles the cellular band
VCO for PCS band operation. Conversely, the
MAX2358, MAX2537, and MAX2538 include an LO
divider that divides the PCS VCO frequency down to
cellular frequency band. The GPS LO is generated by a
fractional frequency scaler, which enables a single
VCO for operation in all three bands. The MAX2530 is
designed for operation with a dual-band VCO.
The PLL buffer output is provided for phase-locked
loop operation. The PLL pin serves two functions: RF
output signal for phase-locked loop operation and logic
input to enable or disable this buffer. A logic high
applied to this pin enables the PLL buffer; a logic low
disables the buffer.
A buffered LO output is provided to drive a transmit
upconverter. It is controlled by the BUFFEN input. For
time-division duplex applications, the buffer is available
to drive the transmitter even when the rest of the chip is
shut down. The port is internally AC-coupled, so a DC-
blocking capacitor is not required.
Bias Control
The bias control input (BIAS pin) controls the IC bias
current. Typically, connect a 20k
Ω resistor to ground for
normal operation. Smaller bias resistor values increase
the supply current and linearity.
Applications Information
Cascaded LNA/Mixer Performance
The LNA and mixer design optimizes cascaded perfor-
mance in all gain and linearity modes. In high-gain/high-
linearity mode, both the LNA and mixer have low noise
figure, high gain, and high linearity. In this mode, the
LNA has extra-high linearity for superior cross-modula-
tion suppression. The high-gain/low-linearity mode is
used when the transmitter is off and cross-modulation is
not a concern. In the ultra-low-gain mode, the received
signal is strong enough that sensitivity is not the limiting
factor. This mode focuses on minimizing supply current.
Tables 4, 5, 6 summarize the cascaded performance.
LNAs
The LNA inputs require external matching networks to
optimize gain, linearity, noise figure, and return loss. A
simple LC match is sufficient as shown in the Typical
Application Circuit. The cellular and GPS LNA outputs
are internally matched. The PCS LNA output requires
an inductor pullup to VCC and a series capacitor as
external matching elements. Table 7, 8, 9 show the S-
parameters for each LNA. Tables 13, 14, 15 show LNA
noise parameters.
Mixers
All mixer inputs are internally matched. The GPS and
PCS mixer inputs require a DC-blocking capacitor; the
cellular mixer does not. All IF outputs must be induc-
tively pulled up to VCC. The inductive pullup may be
used as part of the matching network. Because the dif-
ferential IF output port is high impedance, a load resis-
tor is typically used to ease the matching and establish
the gain. A 3.3k
Ω resistor is recommended for IF0 and
IF1, and 8.2k
Ω for the GIF port. The equivalent parallel
RC impedance of the IF ports is typically 12.2k
Ω in par-
allel with 0.75pF. Tables 10, 11, 12 show S-parameters
for the mixer input points.
Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
10
______________________________________________________________________________________
ABBREVIATION
MODE
HGHL
High gain/high linearity
HGLL
High gain/low linearity
MG
Midgain
LG
Low gain
ULG
Ultra-low gain
HL
High linearity
LL
Low linearity
Table 1. Abbreviation for LNA and Mixer
Modes


Similar Part No. - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2531EGI MAXIM-MAX2531EGI Datasheet
107Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
More results

Similar Description - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com