Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8805Y Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8805Y
Description  600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805Y Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8805Y Datasheet HTML 1Page - Maxim Integrated Products MAX8805Y Datasheet HTML 2Page - Maxim Integrated Products MAX8805Y Datasheet HTML 3Page - Maxim Integrated Products MAX8805Y Datasheet HTML 4Page - Maxim Integrated Products MAX8805Y Datasheet HTML 5Page - Maxim Integrated Products MAX8805Y Datasheet HTML 6Page - Maxim Integrated Products MAX8805Y Datasheet HTML 7Page - Maxim Integrated Products MAX8805Y Datasheet HTML 8Page - Maxim Integrated Products MAX8805Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
600mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VIN1A = VIN1B = VIN2 = 3.6V, VPA = 1.2V, VLDO1 = 2.85V, VLDO2 = 2.85V, RPA = 7.5
Ω, circuit of Figure 5, TA = +25°C, unless other-
wise noted.)
0
40
20
80
60
120
100
140
0
0.4 0.6
0.2
0.8 1.0 1.2 1.4 1.6 1.8
BYPASS MODE DROPOUT VOLTAGE
vs. PA LOAD CURRENT
PA LOAD CURRENT (A)
VIN1 = 3.2V
VIN1 = 3.6V
60
70
80
90
100
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
PA STEP-DOWN CONVERTER EFFICIENCY
vs. OUTPUT VOLTAGE (MAX8805Z)
OUTPUT VOLTAGE (V)
BYPASS MODE
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
RPA = 7.5
Ω
60
70
80
90
100
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
PA STEP-DOWN CONVERTER EFFICIENCY
vs. OUTPUT VOLTAGE (MAX8805Y)
OUTPUT VOLTAGE (V)
BYPASS MODE
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
RPA = 7.5
Ω
60
70
80
90
100
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
PA STEP-DOWN CONVERTER EFFICIENCY
vs. OUTPUT VOLTAGE (MAX8805Z)
OUTPUT VOLTAGE (V)
BYPASS MODE
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
RPA = 10
Ω
60
70
80
90
100
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
PA STEP-DOWN CONVERTER EFFICIENCY
vs. OUTPUT VOLTAGE (MAX8805Y)
OUTPUT VOLTAGE (V)
BYPASS MODE
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
RPA = 10
Ω
50
60
80
70
90
100
0200
100
300
400
500
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Z)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 1.8V
50
60
80
70
90
100
0
200
100
300
500
400
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Y)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 1.8V
50
60
80
70
90
100
0200
100
300
500
400
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Z)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 1.2V
50
60
80
70
90
100
0200
100
300
500
400
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Y)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 1.2V


Similar Part No. - MAX8805Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Y MAXIM-MAX8805Y Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805Y MAXIM-MAX8805Y Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805YEREXY+T*+T* MAXIM-MAX8805YEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805YEWEAA+T MAXIM-MAX8805YEWEAA+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805YEWEAE+T MAXIM-MAX8805YEWEAE+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
More results

Similar Description - MAX8805Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com