Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8805Y Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX8805Y
Description  600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805Y Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX8805Y Datasheet HTML 13Page - Maxim Integrated Products MAX8805Y Datasheet HTML 14Page - Maxim Integrated Products MAX8805Y Datasheet HTML 15Page - Maxim Integrated Products MAX8805Y Datasheet HTML 16Page - Maxim Integrated Products MAX8805Y Datasheet HTML 17Page - Maxim Integrated Products MAX8805Y Datasheet HTML 18Page - Maxim Integrated Products MAX8805Y Datasheet HTML 19Page - Maxim Integrated Products MAX8805Y Datasheet HTML 20Page - Maxim Integrated Products MAX8805Y Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
600mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
______________________________________________________________________________________
19
2.2
μF
2MHz OR 4MHz
BUCK
1
μH OR
2.2
μH*
LX
PBB
PGND
PBA
IN1A
IN1B
EN2
REFIN
2.2
μF
REF
0.22
μF
REFBP
AGND
LDO1
1
μF
1
μF
LDO2
IN2
2.2
μF
PA_EN
HP
EN1
CONTROL
RF TRANSMITTER
IN
IN
PA
GPIO
GPIO
GPIO
GPIO
DAC
BASEBAND
PROCESSOR
Li+ BATTERY
LDO1
LDO2
MAX8805Y/MAX8805Z
RF RECEIVER
IN
*1
μH FDK MIPS 2520D1R0
2.2
μH FDK MIPF 2520D2R2
Figure 5. Typical Application Circuit Using LDOs for RF Power


Similar Part No. - MAX8805Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Y MAXIM-MAX8805Y Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805Y MAXIM-MAX8805Y Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805YEREXY+T*+T* MAXIM-MAX8805YEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805YEWEAA+T MAXIM-MAX8805YEWEAA+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805YEWEAE+T MAXIM-MAX8805YEWEAE+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
More results

Similar Description - MAX8805Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com