Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1184 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1184
Description  Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1184 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1184 Datasheet HTML 1Page - Maxim Integrated Products MAX1184 Datasheet HTML 2Page - Maxim Integrated Products MAX1184 Datasheet HTML 3Page - Maxim Integrated Products MAX1184 Datasheet HTML 4Page - Maxim Integrated Products MAX1184 Datasheet HTML 5Page - Maxim Integrated Products MAX1184 Datasheet HTML 6Page - Maxim Integrated Products MAX1184 Datasheet HTML 7Page - Maxim Integrated Products MAX1184 Datasheet HTML 8Page - Maxim Integrated Products MAX1184 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Dual 10-Bit, 20Msps, +3V, Low-Power ADC with
Internal Reference and Parallel Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V, OVDD = +2.5V, 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through
a 10k
Ω resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 20MHz, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink
Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5
mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM)
REFP, REFN Input Resistance
RREFP,
RREFN
Measured between REFP and COM, and
REFN and COM
4k
Differential Reference Input
Voltage
∆VREF
∆VREF = VREFP - VREFN
1.024
±10%
V
COM Input Voltage
VCOM
VDD/2
±
10%
V
REFP Input Voltage
VREFP
VCOM +
∆VREF /2
V
REFN Input Voltage
VREFN
VCOM -
∆VREF /2
V
DIGITAL INPUTS (CLK, PD, OE, SLEEP, T/B)
CLK
0.8 VDD
Input High Threshold
VIH
PD, OE, SLEEP, T/B
0.8 OVDD
V
CLK
0.2 VDD
Input Low Threshold
VIL
PD, OE, SLEEP, T/B
0.2 OVDD
V
Input Hysteresis
VHYST
0.1
V
IIH
VIH = OVDD or VDD (CLK)
±5
Input Leakage
IIL
VIL = 0
±5
µA
Input Capacitance
CIN
5pF
DIGITAL OUTPUTS (D9A–D0A, D9B–D0B)
Output Voltage Low
VOL
ISINK = 200µA
0.2
V
Output Voltage High
VOH
ISOURCE = 200µA
OVDD - 0.2
V
Three-State Leakage Current
ILEAK
OE = OVDD
±10
µA
Three-State Output Capacitance
COUT
OE = OVDD
5pF


Similar Part No. - MAX1184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1184 MAXIM-MAX1184 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1184ECM MAXIM-MAX1184ECM Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results

Similar Description - MAX1184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com