Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SB3257P6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SB3257P6X
Description  2:1 Multiplexer/Demultiplexer Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3257P6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SB3257P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3257P6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On Resistance of the switch and
the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Note 7: Guaranteed by design.
Capacitance (Note 8)
Note 8: Capacitance is characterized but not tested.
Symbol
Parameter
TA 40qC to 85qC
Units
Conditions
VCC
CL 50 pF, RU RD 500:
Figure
(V)
Min
Typ
Max
Number
tPHL
Propagation Delay Bus to Bus
4.0
 55
0.25
ns
VI OPEN
Figures
1, 2
tPLH
(Note 6)
tPZL
Output Enable Time
4.5
 5.5
1.8
6.5
ns
VI 7V for tPZL
Figures
1, 2
tPZH
4.0
1.8
7.3
VI 0V for tPZH
tPLZ
Output Disable Time
4.5
 5.5
0.8
4.7
VI 7V for tPLZ
Figures
1, 2
tPHZ
4.0
0.8
5.3
VI 0V for tPHZ
tB-M
Break Before Make Time
4.5
 5.5
0.5
ns
Figure 3
(Note 7)
4.0
0.5
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
2.3
pF
VCC 0V
CIO-B
B Port OFF Capacitance
5.7
pF
VCC 5.0V
CIO-A
A Port ON Capacitance
16.0
pF
VCC 5.0V


Similar Part No. - NC7SB3257P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SB3257P6X FAIRCHILD-NC7SB3257P6X Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257P6X ONSEMI-NC7SB3257P6X Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results

Similar Description - NC7SB3257P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
logo
Fairchild Semiconductor
FST3253MTCX FAIRCHILD-FST3253MTCX Datasheet
146Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com