Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C033 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC-C033
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C033 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC-C033 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C033 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C033 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C033 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C033 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C033 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4 - 19
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
v00.0806
Notes:
HMC-C033
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER MODULE, 24 - 33 GHz OUTPUT


Similar Part No. - HMC-C033

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C033 HITTITE-HMC-C033 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC-C033 HITTITE-HMC-C033_1 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
More results

Similar Description - HMC-C033

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C033 HITTITE-HMC-C033_1 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Analog Devices
HMC578 AD-HMC578 Datasheet
296Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578 Datasheet
273Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B Datasheet
287Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449_07 Datasheet
257Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449_09 Datasheet
241Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC-C031 HITTITE-HMC-C031_V01 Datasheet
216Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com